Electronic Components Datasheet Search
  English  ▼

X  

UM3243EESS Datasheet(PDF) 17 Page - Union Semiconductor, Inc.

Part # UM3243EESS
Description  Low Supply Current, 3V to 5.5V, 250kbps, 3-Driver/5-Receiver, Enhanced ESD Protection Smart RS-232 Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3243EESS Datasheet(HTML) 17 Page - Union Semiconductor, Inc.

Back Button UM3243EESS Datasheet HTML 13Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 14Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 15Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 16Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 17Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 18Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 19Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 20Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 21Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
http://www.union-ic.com Rev.01 Mar.2015
17/22
UM3243
VCC
C1+
C1-
C2+
C2-
TIN_
ROUT_
FORCEOFF
GND
5k
Ω
RIN_
TOUT_
V-
V+
+
C1
+
C2
VCC
+
C3
C4
+
1000pF
UM3243
0.1µF
+
VCC
Figure 10. Loopback Test Circuit
TIN1
TOUT1
ROUT1
2µs/div
5V/div
5V/div
5V/div
Figure 11. Loopback Test Result at 120kbps
TIN1
TOUT1
ROUT1
2µs/div
5V/div
5V/div
5V/div
Figure 12. Loopback Test Result at 250kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com