Electronic Components Datasheet Search
  English  ▼

X  

UM3243EESS Datasheet(PDF) 20 Page - Union Semiconductor, Inc.

Part # UM3243EESS
Description  Low Supply Current, 3V to 5.5V, 250kbps, 3-Driver/5-Receiver, Enhanced ESD Protection Smart RS-232 Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3243EESS Datasheet(HTML) 20 Page - Union Semiconductor, Inc.

Back Button UM3243EESS Datasheet HTML 14Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 15Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 16Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 17Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 18Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 19Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 20Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 21Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 22Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
http://www.union-ic.com Rev.01 Mar.2015
20/22
UM3243
UM3243EESS: SOP28
Outline Drawing
Top View
e
D
θ
c
b
End View
Side View
Pin #1
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Max
Min
Max
A
2.35
2.65
0.093
0.104
A1
0.10
0.30
0.004
0.012
A2
2.29
2.50
0.090
0.098
b
0.33
0.51
0.013
0.020
c
0.204
0.33
0.008
0.013
D
17.70
18.10
0.697
0.713
E
7.40
7.70
0.291
0.303
E1
10.21
10.61
0.402
0.418
e
1.27BSC
0.050BSC
L
0.40
1.27
0.016
0.050
θ
0°
8°
0°
8°
Land Pattern
1.270
0.533
NOTES:
1. Compound dimension: 17.90×7.55;
2. Unit: mm;
3. General tolerance ±0.05mm unless otherwise
specified;
4. The layout is just for reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com