Electronic Components Datasheet Search
  English  ▼

X  

TSC2102 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2102
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2102 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TSC2102 Datasheet HTML 16Page - Texas Instruments TSC2102 Datasheet HTML 17Page - Texas Instruments TSC2102 Datasheet HTML 18Page - Texas Instruments TSC2102 Datasheet HTML 19Page - Texas Instruments TSC2102 Datasheet HTML 20Page - Texas Instruments TSC2102 Datasheet HTML 21Page - Texas Instruments TSC2102 Datasheet HTML 22Page - Texas Instruments TSC2102 Datasheet HTML 23Page - Texas Instruments TSC2102 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
20
800
900
1000
1100
1200
1300
1400
−40
−20
0
20
40
60
80
Applied Temperature (deg. C)
Figure 15. Typical Plot for Single Measurement Method
150
160
170
180
190
200
210
220
230
240
−40
−20
0
20
40
60
80
Applied Temperature(deg. C)
Figure 16. Typical Plot for Differential Measurement Method
Temperature measurement can only be done in host controlled mode.
Battery Measurement
An added feature of the TSC2102 is the ability to monitor the battery voltage at the input side of a voltage regulator (LDO
or dc/dc converter), as shown in Figure 17. The battery voltage can vary from 0.5 V to 6 V while maintaining the analog
supply voltage to the TSC2102 in the range of 2.7 V to 3.6 V. The input voltage (VBAT1 or VBAT2) is divided down by a
factor of 6 so that a 6.0-V battery voltage is represented as 1.0 V to the ADC.It is advisable to add a series resistor of 200
to 300
Ω while connecting the battery terminal to the input pin (VBAT1 or VBAT2) as shown in Figure 17. Thus, the resultant
voltage converted by the ADC is given by:
Vconv +
2.0K
12.0K
) R
V
battery
The internal resistors, which make up the resistor divider, are subject to
±20% device-to-device variation. In order to
minimize power consumption, the divider is only on during the sampling of the battery input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com