Electronic Components Datasheet Search
  English  ▼

X  

TSC2102 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2102
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2102 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TSC2102 Datasheet HTML 21Page - Texas Instruments TSC2102 Datasheet HTML 22Page - Texas Instruments TSC2102 Datasheet HTML 23Page - Texas Instruments TSC2102 Datasheet HTML 24Page - Texas Instruments TSC2102 Datasheet HTML 25Page - Texas Instruments TSC2102 Datasheet HTML 26Page - Texas Instruments TSC2102 Datasheet HTML 27Page - Texas Instruments TSC2102 Datasheet HTML 28Page - Texas Instruments TSC2102 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
25
Example 2:
For MCLK = 12 MHz and Fsref = 48.0 kHz
P = 1, K = 8.192
⇒ J = 8, D = 1920
Digital Audio Processing
The DAC channel consists of optional filters for de-emphasis and bass, treble, midrange level adjustment, or speaker
equalization. The de-emphasis function is only available for sample rates of 32 kHz, 44.1 kHz, and 48 kHz. The transfer
function consists of a pole with time constant of 50
µs and a zero with time constant of 15 µs. Frequency response plots
are given in the Audio Codec Filter Frequency Responses section of this data sheet.
The DAC digital effects processing block also includes a fourth order digital IIR filter with programmable coefficients (one
set per channel). The filter is implemented as cascade of two biquad sections with frequency response given by:
N0
) 2
N1
z*1
) N2
z*2
32768
* 2
D1
z*1
* D2
z*2
N3
) 2
N4
z*1
) N5
z*2
32768
* 2
D4
z*1
* D5
z*2
The N and D coefficients are fully programmable, and the entire filter can be enabled or bypassed. The coefficients for this
filter implement a variety of sound effects with bass boost or treble boost as the most commonly used in portable audio
applications. The default N and D coefficients in the part are given by:
N0 = N3 = 27619
D1 = D4 = 32131
N1 = N4 = −27034
D2 = D5 = −31506
N2 = N5 = 26461
and implement a shelving filter with 0-dB gain from dc to approximately 150 Hz, at which point it rolls off to 3-dB attenuation
for higher frequency signals, thus giving a 3-dB boost to signals below 150 Hz. The N and D coefficients are represented
by 16-bit twos complement numbers with values ranging from 32767 to −32768. Frequency response plots are given in
the Audio Codec Filter Frequency Responses section of this data sheet.
Interpolation Filter
The interpolation filter upsamples the output of the digital audio processing block by the required oversampling ratio. It
provides a linear phase output with a group delay of 21/Fs.
In addition, the digital interpolation filter provides enhanced image filtering to reduce signal images caused by the
upsampling process that are below 20 kHz. For example, upsampling an 8-kHz signal produces signal images at multiples
of 8 kHz, i.e., 8 kHz, 16 kHz, 24 kHz, etc. The images at 8 kHz and 16 kHz are below 20 kHz and still audible to the listener,
therefore, they must be filtered heavily to maintain a good quality output. The interpolation filter is designed to maintain at
least 65-dB rejection of images that land below 7.455 Fs. Passband ripple for all sample-rate cases (from 20 Hz to 0.45 Fs)
is
±0.06 dB maximum
Delta-Sigma DAC
The
audio
digital-to-analog
converter
incorporates
a
third
order
multibit
delta-sigma
modulator
with
768/512/384/256/192/128 times oversampling followed by an analog reconstruction filter. The DAC provides
high-resolution, low-noise performance, using oversampling and noise shaping techniques. The analog reconstruction
filter design consists of a 6 tap analog FIR filter followed by a continuous time RC filter. The analog FIR operates at 6.144
MHz (128x48 kHz, for Fsref of 48 kHz) or at 5.6448 MHz (128x44.1 kHz, for Fsref of 44.1 kHz). The DAC analog
performance can be degraded by excessive clock jitter on the MCLK input. Therefore, care must be taken to keep jitter on
this clock to a minimum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com