Electronic Components Datasheet Search
  English  ▼

X  

TSC2102 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2102
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2102 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TSC2102 Datasheet HTML 22Page - Texas Instruments TSC2102 Datasheet HTML 23Page - Texas Instruments TSC2102 Datasheet HTML 24Page - Texas Instruments TSC2102 Datasheet HTML 25Page - Texas Instruments TSC2102 Datasheet HTML 26Page - Texas Instruments TSC2102 Datasheet HTML 27Page - Texas Instruments TSC2102 Datasheet HTML 28Page - Texas Instruments TSC2102 Datasheet HTML 29Page - Texas Instruments TSC2102 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
26
DAC Digital Volume Control
The DAC has a digital volume control block, which implements a programmable gain. The volume level can be varied from
0dB to –63.5 dB in 0.5 dB steps, in addition to a mute bit, independently for each channel. The volume level of both channels
can also be changed simultaneously by the master volume control. The gain is implemented with a soft-stepping algorithm,
which only changes the actual volume by one step per input sample, either up or down, until the desired volume is reached.
The rate of soft-stepping can be slowed to one step per two input samples through D1 of control register 04H/Page2.
Because of soft-stepping, the host does not know when the DAC has actually been muted. This may be important if the
host wishes to mute the DAC before making a significant change, such as changing sample rates. In order to help with this
situation, the part provides a flag back to the host via a read-only register bit (D2−D3 of control register 04H/Page2) that
alerts the host when the part has completed the soft-stepping and the actual volume has reached the desired volume level.
The TSC2102 also includes functionality to detect when the user switches on or off the de-emphasis or bass-boost
functions, then first (1) soft-mute the DAC volume control, (2) change the operation of the digital effects processing, and
(3) soft-unmute the TSC2102. This avoids any possible pop/clicks in the audio output due to instantaneous changes in the
filtering. A similar algorithm is used when first powering up or down the DAC. The circuit begins operation at power up with
the volume control muted, then soft-steps it up to the desired volume level. At power down, the logic first soft-steps the
volume down to a mute level, then powers down the circuitry.
Headphone Driver
The TSC2102 features a stereo headphone driver that can deliver 25 mW per channel at 3.3-V supply, into 16-
Ω load. The
headphones can be connected in a single-ended configuration using ac-coupling capacitors, or the capacitors can be
removed and virtual ground (VGND) connection powered. These two configurations are shown in Figure 22. If the
headphone amplifiers are not needed, such as when the external audio amplifier is used, then the headphone drivers can
be bypassed to save power using register programming. When bypassed, the HPR and HPL outputs act as line level
outputs capable of driving a load of 10 k
Ω minimum.
HPR
HPL
+
+
VGND
HPR
HPL
+
+
VIRTUAL−GROUND
SPEAKER CONNECTION
SINGLE−ENDED
SPEAKER CONNECTION
Figure 22. Connection Diagram for DAC Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com