Electronic Components Datasheet Search
  English  ▼

X  

TSC2102 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2102
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2102 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TSC2102 Datasheet HTML 31Page - Texas Instruments TSC2102 Datasheet HTML 32Page - Texas Instruments TSC2102 Datasheet HTML 33Page - Texas Instruments TSC2102 Datasheet HTML 34Page - Texas Instruments TSC2102 Datasheet HTML 35Page - Texas Instruments TSC2102 Datasheet HTML 36Page - Texas Instruments TSC2102 Datasheet HTML 37Page - Texas Instruments TSC2102 Datasheet HTML 38Page - Texas Instruments TSC2102 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
35
BIT
FUNCTION
RESET
VALUE
READ/
WRITE
NAME
D1
RPWDN
R/W
1
Reference Power Down. This bit controls the power down of the internal reference voltage.
0 => Powered up at all times.
1 => Powered down between conversions.
Note: when D4 = 0, i.e. device is in external reference mode, then the internal reference is powered
down always
.
D0
IREFV
R/W
0
Internal Reference Voltage. This bit selects the internal voltage reference level for the TSC ADC.
0 => VREF = 1.25 V
1 => VREF = 2.50 V
REGISTER 04H: Reset Control
BIT
NAME
READ/
WRITE
RESET
VALUE
FUNCTION
D15−D0
RSALL
R/W
FFFFH
Reset All. Writing the code 0xBB00, as shown below, to this register causes the TSC2102 to reset
all its registers to their default, power−up values.
1011101100000000 => Reset all registers
Others
=> Do not write other sequences to this register.
REGISTER 05H: Configuration Control
BIT
NAME
READ/
WRITE
RESET
VALUE
FUNCTION
D15−D6
R
000H
Reserved. Write only zeros to these bits.
D5−D3
PRECTM
R/W
000
Precharge Time. These bits set the amount of time allowed for precharging any pin capacitance on
the touch screen prior to sensing if a screen touch is happening.
000 =>
20
µs
001 =>
84
µs
010 => 276
µs
011 => 340
µs
100 => 1.044 ms
101 => 1.108 ms
110 => 1.300 ms
111 => 1.364 ms
D2−D0
RPWUDL
R/W
000
Sense Time. These bits set the amount of time the TSC2102 waits to sense whether the screen is
being touched, when converting a coordinate value.
000 =>
32
µs
001 =>
96
µs
010 => 544
µs
011 => 608
µs
100 => 2.080 ms
101 => 2.144 ms
110 => 2.592 ms
111 => 2.656 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com