Electronic Components Datasheet Search
  English  ▼

X  

AM1705DPTP3 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # AM1705DPTP3
Description  AM1705 ARM짰 Microprocessor
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTP3 Datasheet(HTML) 44 Page - Texas Instruments

Back Button AM1705DPTP3 Datasheet HTML 40Page - Texas Instruments AM1705DPTP3 Datasheet HTML 41Page - Texas Instruments AM1705DPTP3 Datasheet HTML 42Page - Texas Instruments AM1705DPTP3 Datasheet HTML 43Page - Texas Instruments AM1705DPTP3 Datasheet HTML 44Page - Texas Instruments AM1705DPTP3 Datasheet HTML 45Page - Texas Instruments AM1705DPTP3 Datasheet HTML 46Page - Texas Instruments AM1705DPTP3 Datasheet HTML 47Page - Texas Instruments AM1705DPTP3 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 165 page
background image
OSCOUT
OSCIN
OSCVSS
Clock
Input
toPLL
NC
AM1705
SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014
www.ti.com
Figure 6-7. External 1.2V Clock Source
Table 6-3. OSCIN Timing Requirements
PARAMETER
MIN
MAX
UNIT
fOSCIN
OSCIN frequency range (OSCIN)
12
50
MHz
tc(OSCIN)
Cycle time, external clock driven on OSCIN
20
ns
tw(OSCINH)
Pulse width high, external clock on OSCIN
0.4 tc(OSCIN)
ns
tw(OSCINL)
Pulse width low, external clock on OSCIN
0.4 tc(OSCIN)
ns
tt(OSCIN)
Transition time, OSCIN
0.25P or 10 (1)
ns
tj(OSCIN)
Period jitter, OSCIN
0.02P
ns
(1)
Whichever is smaller. P = the period of the applied signal. Maintaining transition times as fast as possible is recommended to improve
noise immunity on input signals.
44
Peripheral Information and Electrical Specifications
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com