| Electronic Components Datasheet Search |
|
AM4372 Datasheet(PDF) 64 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM4372 Datasheet(HTML) 64 Page - Texas Instruments |
|
64 / 266 page ![]() 64 AM4376, AM4377, AM4378, AM4379 SPRS851C – JUNE 2014 – REVISED APRIL 2016 www.ti.com Submit Documentation Feedback Product Folder Links: AM4376 AM4377 AM4378 AM4379 Terminal Configuration and Functions Copyright © 2014–2016, Texas Instruments Incorporated 4.3 Signal Descriptions The device contains many peripheral interfaces. In order to reduce package size and lower overall system cost while maintaining maximum functionality, many of the terminals can multiplex up to eight signal functions. Although there are many combinations of pin multiplexing that are possible, only a certain number of sets, called IO Sets, are valid due to timing limitations. These valid IO Sets were carefully chosen to provide many possible application scenarios for the user. TI has developed a Windows-based application called Pin Mux Utility that helps a system designer select the appropriate pin-multiplexing configuration for their device-based product design. The Pin Mux Utility provides a way to select valid IO Sets of specific peripheral interfaces to ensure the pin-multiplexing configuration selected for a design only uses valid IO Sets supported by the device. (1) SIGNAL NAME: The signal name (2) DESCRIPTION: Description of the signal. (3) TYPE: Ball type for this specific function: – I = Input – O = Output – I/O = Input/Output – D = Open drain – DS = Differential – A = Analog (4) BALL: Package ball location. 4.3.1 ADC Interfaces Table 4-11. ADC0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] ZDN [4] ADC0_AIN0 Analog Input/Output A AA12 ADC0_AIN1 Analog Input/Output A Y12 ADC0_AIN2 Analog Input/Output A Y13 ADC0_AIN3 Analog Input/Output A AA13 ADC0_AIN4 Analog Input/Output A AB13 ADC0_AIN5 Analog Input/Output A AC13 ADC0_AIN6 Analog Input/Output A AD13 ADC0_AIN7 Analog Input/Output A AE13 ADC0_VREFN Analog Negative Reference Input AP AE14 ADC0_VREFP Analog Positive Reference Input AP AD14 Table 4-12. ADC0/1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] ZDN [4] ext_hw_trigger External Hardware Trigger for ADC conversion I AC25, D24 Table 4-13. ADC1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] ZDN [4] ADC1_AIN0 Analog Input/Output A AC16 ADC1_AIN1 Analog Input/Output A AB16 ADC1_AIN2 Analog Input/Output A AA16 ADC1_AIN3 Analog Input/Output A AB15 ADC1_AIN4 Analog Input/Output A AA15 ADC1_AIN5 Analog Input/Output A Y15 ADC1_AIN6 Analog Input/Output A AE16 ADC1_AIN7 Analog Input/Output A AD16 ADC1_VREFN Analog Negative Reference Input AP AD15 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |