Electronic Components Datasheet Search
  English  ▼

X  

AM4372 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM4372
Description  AM437x Sitara Processors
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM4372 Datasheet(HTML) 1 Page - Texas Instruments

  AM4372 Datasheet HTML 1Page - Texas Instruments AM4372 Datasheet HTML 2Page - Texas Instruments AM4372 Datasheet HTML 3Page - Texas Instruments AM4372 Datasheet HTML 4Page - Texas Instruments AM4372 Datasheet HTML 5Page - Texas Instruments AM4372 Datasheet HTML 6Page - Texas Instruments AM4372 Datasheet HTML 7Page - Texas Instruments AM4372 Datasheet HTML 8Page - Texas Instruments AM4372 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 266 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
AM4376, AM4377, AM4378, AM4379
SPRS851C – JUNE 2014 – REVISED APRIL 2016
AM437x Sitara™ Processors
1
Device Overview
1
1.1
Features
1
• Highlights
– Sitara™ ARM® Cortex®-A9 32-Bit RISC
Processor With Processing Speed up to
1000 MHz
•
NEON™ SIMD Coprocessor and Vector
Floating Point (VFPv3) Coprocessor
•
32KB of Both L1 Instruction and Data Cache
•
256KB of L2 Cache or L3 RAM
– 32-Bit LPDDR2, DDR3, and DDR3L Support
– General-Purpose Memory Support (NAND,
NOR, SRAM) Supporting up to 16-Bit ECC
– SGX530 Graphics Engine
– Display Subsystem
– Programmable Real-Time Unit Subsystem and
Industrial Communication Subsystem (PRU-
ICSS)
– Real-Time Clock (RTC)
– Up to Two USB 2.0 High-Speed Dual-Role
(Host or Device) Ports With Integrated PHY
– 10, 100, and 1000 Ethernet Switch Supporting
up to Two Ports
– Serial Interfaces:
•
Two Controller Area Network (CAN) Ports
•
Six UARTs, Two McASPs, Five McSPIs,
Three I2C Ports, One QSPI, and One HDQ
or 1-Wire
– Security
•
Crypto Hardware Accelerators (AES, SHA,
RNG, DES, and 3DES)
•
Secure Boot (Avaliable Only on AM437x
High-Security [AM437xHS] Devices)
– Two 12-Bit Successive Approximation Register
(SAR) ADCs
– Up to Three 32-Bit Enhanced Capture (eCAP)
Modules
– Up to Three Enhanced Quadrature Encoder
Pulse (eQEP) Modules
– Up to Six Enhanced High-Resolution PWM
(eHRPWM) Modules
• MPU Subsystem
– ARM Cortex-A9 32-Bit RISC Microprocessor
With Processing Speed up to 1000 MHz
– 32KB of Both L1 Instruction and Data Cache
– 256KB of L2 Cache (Option to Configure as L3
RAM)
– 256KB of On-Chip Boot ROM
– 64KB of On-Chip RAM
– Secure Control Module (SCM) (Avaliable Only
on AM437xHS Devices)
– Emulation and Debug
•
JTAG
•
Embedded Trace Buffer
– Interrupt Controller
• On-Chip Memory (Shared L3 RAM)
– 256KB of General-Purpose On-Chip Memory
Controller (OCMC) RAM
– Accessible to All Masters
– Supports Retention for Fast Wakeup
– Up to 512KB of Total Internal RAM
(256KB of ARM Memory Configured as L3 RAM
+ 256KB of OCMC RAM)
• External Memory Interfaces (EMIFs)
– DDR Controllers:
•
LPDDR2: 266-MHz Clock (LPDDR2-533
Data Rate)
•
DDR3 and DDR3L: 400-MHz Clock (DDR-
800 Data Rate)
•
32-Bit Data Bus
•
2GB of Total Addressable Space
•
Supports One x32, Two x16, or Four x8
Memory Device Configurations
• General-Purpose Memory Controller (GPMC)
– Flexible 8- and 16-Bit Asynchronous Memory
Interface With up to Seven Chip Selects (NAND,
NOR, Muxed-NOR, and SRAM)
– Uses BCH Code to Support 4-, 8-, or 16-Bit
ECC
– Uses Hamming Code to Support 1-Bit ECC
• Error Locator Module (ELM)
– Used With the GPMC to Locate Addresses of
Data Errors From Syndrome Polynomials
Generated Using a BCH Algorithm
– Supports 4-, 8-, and 16-Bit Per 512-Byte Block
Error Location Based on BCH Algorithms
• Programmable Real-Time Unit Subsystem and
Industrial Communication Subsystem (PRU-ICSS)
– Supports Protocols such as EtherCAT®,
PROFIBUS®, PROFINET®, and EtherNet/IP™,
EnDat 2.2, and More
– Two Programmable Real-Time Units (PRUs)
Subsystems With Two PRU Cores Each
•
Each Core is a 32-Bit Load and Store RISC
Processor Capable of Running at 200 MHz


Similar Part No. - AM4372

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM4376 TI-AM4376 Datasheet
1Mb / 261P
AM437x Sitara??Processors
AM4376BZDN100 TI1-AM4376BZDN100 Datasheet
2Mb / 266P
Sitara Processors
AM4376BZDN80 TI1-AM4376BZDN80 Datasheet
2Mb / 266P
Sitara Processors
AM4376BZDNA100 TI1-AM4376BZDNA100 Datasheet
2Mb / 266P
Sitara Processors
AM4376BZDNA80 TI1-AM4376BZDNA80 Datasheet
2Mb / 266P
Sitara Processors
More results

Similar Description - AM4372

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM4376 TI-AM4376_15 Datasheet
1Mb / 261P
AM437x Sitara??Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
Sitara Processors
AM4376 TI1-AM4376_16 Datasheet
2Mb / 266P
Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
Sitara Processors
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com