| Electronic Components Datasheet Search |
|
AM4372 Datasheet(PDF) 93 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM4372 Datasheet(HTML) 93 Page - Texas Instruments |
|
93 / 266 page ![]() 93 AM4376, AM4377, AM4378, AM4379 www.ti.com SPRS851C – JUNE 2014 – REVISED APRIL 2016 Submit Documentation Feedback Product Folder Links: AM4376 AM4377 AM4378 AM4379 Terminal Configuration and Functions Copyright © 2014–2016, Texas Instruments Incorporated 4.3.17 Removable Media Interfaces Table 4-58. MMC0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] ZDN [4] mmc0_clk MMC/SD/SDIO Clock IO D1 mmc0_cmd MMC/SD/SDIO Command IO D2 mmc0_dat0 MMC/SD/SDIO Data Bus IO C1 mmc0_dat1 MMC/SD/SDIO Data Bus IO C2 mmc0_dat2 MMC/SD/SDIO Data Bus IO B2 mmc0_dat3 MMC/SD/SDIO Data Bus IO B1 mmc0_dat4 MMC/SD/SDIO Data Bus IO E16 mmc0_dat5 MMC/SD/SDIO Data Bus IO C14 mmc0_dat6 MMC/SD/SDIO Data Bus IO D13 mmc0_dat7 MMC/SD/SDIO Data Bus IO D14 mmc0_pow MMC/SD Power Switch Control O A16, R25 mmc0_sdcd SD Card Detect I A17, N24, R25 mmc0_sdwp SD Write Protect I B17, G24, L23 Table 4-59. MMC1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] ZDN [4] mmc1_clk MMC/SD/SDIO Clock IO B15, B17, B9, Y18 mmc1_cmd MMC/SD/SDIO Command IO A14, A17, AA18, F10 mmc1_dat0 MMC/SD/SDIO Data Bus IO AE19, B10, B5, D14 mmc1_dat1 MMC/SD/SDIO Data Bus IO A10, A5, AD19, D13 mmc1_dat2 MMC/SD/SDIO Data Bus IO AE20, B6, C14, F11 mmc1_dat3 MMC/SD/SDIO Data Bus IO A6, AD20, D11, E16 mmc1_dat4 MMC/SD/SDIO Data Bus IO B7, E11 mmc1_dat5 MMC/SD/SDIO Data Bus IO A7, C11 mmc1_dat6 MMC/SD/SDIO Data Bus IO B11, C8 mmc1_dat7 MMC/SD/SDIO Data Bus IO A11, B8 mmc1_sdcd SD Card Detect I A2, N22 mmc1_sdwp SD Write Protect I K21, T21 Table 4-60. MMC2 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] ZDN [4] mmc2_clk MMC/SD/SDIO Clock IO A12, AD21, B16, B17 mmc2_cmd MMC/SD/SDIO Command IO A13, A17, AE22, B12 mmc2_dat0 MMC/SD/SDIO Data Bus IO A15, AD22, C5, E11 mmc2_dat1 MMC/SD/SDIO Data Bus IO AE23, C11, C16, C6 mmc2_dat2 MMC/SD/SDIO Data Bus IO A4, AD23, B11, C13 mmc2_dat3 MMC/SD/SDIO Data Bus IO A11, A3, AE24, D16 mmc2_dat4 MMC/SD/SDIO Data Bus IO B10, E8 mmc2_dat5 MMC/SD/SDIO Data Bus IO A10, F6 mmc2_dat6 MMC/SD/SDIO Data Bus IO F11, F7 mmc2_dat7 MMC/SD/SDIO Data Bus IO B4, D11 mmc2_sdcd SD Card Detect I B3, H23 mmc2_sdwp SD Write Protect I L21, T20 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |