Electronic Components Datasheet Search
  English  ▼

X  

AM4372 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # AM4372
Description  AM437x Sitara Processors
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM4372 Datasheet(HTML) 70 Page - Texas Instruments

Back Button AM4372 Datasheet HTML 66Page - Texas Instruments AM4372 Datasheet HTML 67Page - Texas Instruments AM4372 Datasheet HTML 68Page - Texas Instruments AM4372 Datasheet HTML 69Page - Texas Instruments AM4372 Datasheet HTML 70Page - Texas Instruments AM4372 Datasheet HTML 71Page - Texas Instruments AM4372 Datasheet HTML 72Page - Texas Instruments AM4372 Datasheet HTML 73Page - Texas Instruments AM4372 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 266 page
background image
70
AM4376, AM4377, AM4378, AM4379
SPRS851C – JUNE 2014 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379
Terminal Configuration and Functions
Copyright © 2014–2016, Texas Instruments Incorporated
4.3.6
Ethernet (GEMAC_CPSW) Interfaces
Table 4-20. MDIO Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN [4]
mdio_clk
MDIO Clk
O
B17
mdio_data
MDIO Data
IO
A17
Table 4-21. MII1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN [4]
gmii1_col
MII Colision
I
D16
gmii1_crs
MII Carrier Sense
I
B14
gmii1_rxclk
MII Receive Clock
I
D13
gmii1_rxd0
MII Receive Data bit 0
I
F17
gmii1_rxd1
MII Receive Data bit 1
I
B16
gmii1_rxd2
MII Receive Data bit 2
I
E16
gmii1_rxd3
MII Receive Data bit 3
I
C14
gmii1_rxdv
MII Receive Data Valid
I
A15
gmii1_rxer
MII Receive Data Error
I
B13
gmii1_txclk
MII Transmit Clock
I
D14
gmii1_txd0
MII Transmit Data bit 0
O
B15
gmii1_txd1
MII Transmit Data bit 1
O
A14
gmii1_txd2
MII Transmit Data bit 2
O
C13
gmii1_txd3
MII Transmit Data bit 3
O
C16
gmii1_txen
MII Transmit Enable
O
A13
Table 4-22. MII2 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN [4]
gmii2_col
MII Colision
I
A3
gmii2_crs
MII Carrier Sense
I
A2, B12, F10
gmii2_rxclk
MII Receive Clock
I
F6
gmii2_rxd0
MII Receive Data bit 0
I
D8
gmii2_rxd1
MII Receive Data bit 1
I
G8
gmii2_rxd2
MII Receive Data bit 2
I
B4
gmii2_rxd3
MII Receive Data bit 3
I
F7
gmii2_rxdv
MII Receive Data Valid
I
C5
gmii2_rxer
MII Receive Data Error
I
B3
gmii2_txclk
MII Transmit Clock
I
E8
gmii2_txd0
MII Transmit Data bit 0
O
E7
gmii2_txd1
MII Transmit Data bit 1
O
D7
gmii2_txd2
MII Transmit Data bit 2
O
A4
gmii2_txd3
MII Transmit Data bit 3
O
C6
gmii2_txen
MII Transmit Enable
O
C3
Table 4-23. RGMII1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN [4]
rgmii1_rclk
RGMII Receive Clock
I
D13
rgmii1_rctl
RGMII Receive Control
I
A15
rgmii1_rd0
RGMII Receive Data bit 0
I
F17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com