Electronic Components Datasheet Search
  English  ▼

X  

AM4372 Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # AM4372
Description  AM437x Sitara Processors
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM4372 Datasheet(HTML) 102 Page - Texas Instruments

Back Button AM4372 Datasheet HTML 98Page - Texas Instruments AM4372 Datasheet HTML 99Page - Texas Instruments AM4372 Datasheet HTML 100Page - Texas Instruments AM4372 Datasheet HTML 101Page - Texas Instruments AM4372 Datasheet HTML 102Page - Texas Instruments AM4372 Datasheet HTML 103Page - Texas Instruments AM4372 Datasheet HTML 104Page - Texas Instruments AM4372 Datasheet HTML 105Page - Texas Instruments AM4372 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 266 page
background image
102
AM4376, AM4377, AM4378, AM4379
SPRS851C – JUNE 2014 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
5
Specifications
5.1
Absolute Maximum Ratings
over junction temperature range (unless otherwise noted)
(1)(2)
MIN
MAX
UNIT
VDD_MPU
Supply voltage for the MPU domain
–0.5
1.5
V
VDD_CORE
Supply voltage range for the CORE domain
–0.5
1.5
V
CAP_VDD_RTC(3)
Supply voltage range for the RTC domain
–0.5
1.5
V
VDDS_RTC
Supply voltage range for the RTC domain
–0.5
2.1
V
VDDS_OSC
Supply voltage range for the System oscillator
–0.5
2.1
V
VDDS_SRAM_CORE_BG
Supply voltage range for the Core SRAM and Bandgap LDOs
–0.5
2.1
V
VDDS_SRAM_MPU_BB
Supply voltage range for the MPU SRAM and BB LDOs
–0.5
2.1
V
VDDS_PLL_DDR
Supply voltage range for the DPLL DDR
–0.5
2.1
V
VDDS_PLL_CORE_LCD
Supply voltage range for the DPLL CORE, EXTDEV, and LCD
–0.5
2.1
V
VDDS_PLL_MPU
Supply voltage range for the DPLL MPU
–0.5
2.1
V
VDDS_DDR
Supply voltage range for the DDR IO domain
–0.5
2.1
V
VDDS
Supply voltage range for all dual-voltage IO domains
–0.5
2.1
V
VDDA1P8V_USB0
Supply voltage range for USBPHY and DPLL PER
–0.5
2.1
V
VDDA1P8V_USB1
Supply voltage range for USBPHY
–0.5
2.1
V
VDDA_ADC0
Supply voltage range for ADC0
–0.5
2.1
V
VDDA_ADC1
Supply voltage range for ADC1
–0.5
2.1
V
VDDSHV1
Supply voltage range for the dual-voltage IO domain
–0.5
3.8
V
VDDSHV2
Supply voltage range for the dual-voltage IO domain
–0.5
3.8
V
VDDSHV3
Supply voltage range for the dual-voltage IO domain
–0.5
3.8
V
VDDSHV5
Supply voltage range for the CLKOUT voltage domain
–0.5
3.8
V
VDDSHV6
Supply voltage range for the dual-voltage IO domain
–0.5
3.8
V
VDDSHV7
Supply voltage range for the dual-voltage IO domain
–0.5
3.8
V
VDDSHV8
Supply voltage range for the dual-voltage IO domain
–0.5
3.8
V
VDDSHV9
Supply voltage range for the dual-voltage IO domain
–0.5
3.8
V
VDDSHV10
Supply voltage range for the dual-voltage IO domain
–0.5
3.8
V
VDDSHV11
Supply voltage range for the dual-voltage IO domain
–0.5
3.8
V
VDDA3P3V_USB0
Supply voltage range for USBPHY
–0.5
4
V
VDDA3P3V_USB1
Supply voltage range for USBPHY
–0.5
4
V
VDDS3P3V_IOLDO
Supply voltage range for the dual-voltage IO LDO
–0.5
3.8
V
VDDS_CLKOUT
Supply voltage range for CLKOUT domain
–0.5
2.1
V
USB0_VBUS(4)
Supply voltage range for USB VBUS comparator input
–0.5
5.25
V
USB1_VBUS(4)
Supply voltage range for USB VBUS comparator input
–0.5
5.25
V
DDR_VREF
Supply voltage range for the DDR3/DDR3L HSTL, LPDDR2
HSUL_12 reference voltage
–0.3
1.1
V
Steady State Max. Voltage at all
IO pins(5)
–0.5 V to IO supply voltage + 0.3 V
USB0_ID(6)
Steady state maximum voltage range for the USB ID input
–0.5
2.1
V
USB1_ID(6)
Steady state maximum voltage range for the USB ID input
–0.5
2.1
V
Transient Overshoot and
Undershoot specification at IO
terminal
20% of corresponding IO supply voltage for
up to 20% of signal period (see Figure 5-1)
Latch-up Performance(7)
Class II (105°C)
Latch-up I-test performance current-pulse
injection on each IO pin
±100
mA
Latch-up overvoltage performance voltage
injection on each IO pin
±100
Tstg
(8)
Storage temperature
–55
155
°C
(1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to their associated VSS or VSSA_x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com