Electronic Components Datasheet Search
  English  ▼

X  

AD1985 Datasheet(PDF) 45 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 45 Page - Analog Devices

Back Button AD1985 Datasheet HTML 40Page - Analog Devices AD1985 Datasheet HTML 41Page - Analog Devices AD1985 Datasheet HTML 42Page - Analog Devices AD1985 Datasheet HTML 43Page - Analog Devices AD1985 Datasheet HTML 44Page - Analog Devices AD1985 Datasheet HTML 45Page - Analog Devices AD1985 Datasheet HTML 46Page - Analog Devices AD1985 Datasheet HTML 47Page - Analog Devices AD1985 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
AD1985
Rev. A | Page 45 of 48
Sense Register (Index 0x6A, Page 01)
Reg Num
Name
D15 D14 D13 D12 D11 D10 D9 D8 D7
D6
D5
D4
D3
D2
D1
D0
Default
0x6A
Sense Register ST2
ST1
ST0
S4
S3
S2
S1
S0
OR1 OR0 SR5 SR4 SR3 SR2 SR1 SR0 N/A
New register added for AC ’97 2.3.
ST[2:0]
Connector/Jack Location Bits. (Read/write.) This field describes the location of the jack in the system. This field is updated by the
BIOS.
0x0: Rear I/O Panel.
0x1: Front Panel.
0x2: Motherboard.
0x3: Dock/External.
0x4 to 0x6: Reserved.
0x7: No Connection/Unused I/O.
S[4:0]
Sensed Bits Relate to the I/O Being Sensed as Input or Output. (Read-only.)
Sensed Bits (When Output Sense Cycle Initiated).
This field allows for the reporting of the type of output peripheral/device plugged in the jack. Values specified below should be
interrogated with the SR[5:0] and OR[1:0] for accurate reporting.
0x00: Data Not Valid. Indicates that the reported value(s) is invalid.
0x01: No Connection. Indicates that there are no connected devices. Default.
0x02: Fingerprint. Indicates a specific fingerprint value for devices that are not specified or are unknown.
0x03: Speakers (8 Ω).
0x04: Speakers (4 Ω).
0x05: Powered Speakers.
0x06: Stereo Headphone.
0x07: SPDIF Out (Electrical).
0x08: SPDIF Out (TOS).
0x09: Mono Headset. (Mono speaker left channel and MIC. Read Functions 5 and 6 for matching microphone.) (Not supported.)
0x0A: Other. Allows a vendor to report sensing other type of devices/peripherals. SR[5:0] together with OR[1:0] provide
information regarding the type of device sensed.
0x0B to 0x0E: Reserved.
0x0F: Unknown (Use Fingerprint).
Sensed Bits (When Input Sense Cycle Initiated)
This field allows for the reporting of the type of input peripheral/device plugged in the jack. Values specified below should be
interrogated with the SR[5:0] and OR[1:0] bits for accurate reporting.
0x10: Data Not Valid. Indicates that the reported value(s) is invalid.
0x11: No Connection. Indicates that there are no connected devices. Default.
0x12: Fingerprint. Indicates a specific fingerprint value for devices that are not specified.
0x13: Microphone (Mono).
0x14: Stereo Microphone.
0x15: Stereo Line In (CE Device Attached).
0x16: Mono Line In (CE Device Attached) .
0x17: SPDIF In (Electrical).
0x18: SPDIF In (TOS).
0x19: Headset. (Mono speaker left channel and MIC. Read Functions 0 to 3 for matching DAC out.)
0x1A: Other. Allows a vendor to report sensing other types of devices/peripherals. SR[5:0] together with OR[1:0] provide
information regarding the type of device sensed.
0x1B to 0x1E: Reserved.
0x1F: Unknown (Use Fingerprint).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com