Electronic Components Datasheet Search
  English  ▼

X  

AD1985 Datasheet(PDF) 16 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD1985 Datasheet HTML 12Page - Analog Devices AD1985 Datasheet HTML 13Page - Analog Devices AD1985 Datasheet HTML 14Page - Analog Devices AD1985 Datasheet HTML 15Page - Analog Devices AD1985 Datasheet HTML 16Page - Analog Devices AD1985 Datasheet HTML 17Page - Analog Devices AD1985 Datasheet HTML 18Page - Analog Devices AD1985 Datasheet HTML 19Page - Analog Devices AD1985 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
AD1985
Rev. A | Page 16 of 48
Headphone Volume Register (Index 0x04)
Reg Num Name
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6 D5 D4
D3
D2
D1
D0
Default
0x04
Headphones Volume HPM
X
X
LHV4 LHV3 LHV2 LHV1 LHV0 HPRM1 X
X RHV4 RHV3 RHV2 RHV1 RHV0 0x8000
1 For AC ’97 compatibility, Bit D7 (HPRM) is available only by setting the MSPLT bit in Register 0x76. The MSPLT bit enables separate mute bits for the left and right
channels.
This register controls the headphone volume for both stereo
channels and mute bits. Each volume subregister contains five
bits, generating 32 volume levels with increments of 1.5 dB each.
AC ’97 defines the 6-bit volume registers, therefore, to maintain
compatibility whenever the D5 or D13 bit is set to 1, its
respective lower five volume bits are automatically set to 1 by
the codec logic. On readback, all lower five bits will read 1s
whenever these bits are set to 1 (see the Volume Settings for
Master and Headphone table on the previous page).
Note that depending on the state of the AC97NC bit in Register
0x76, this register has the following additional functionality:
• For AC97NC = 0, the register has no control over the
SURR_OUT/HP_OUT outputs (see Register 0x38).
• For AC97NC = 1, the register controls the
SURR_OUT/HP_OUT output attenuators.
RHV[4:0]
Right Headphone Volume Control. The least significant bit represents 1.5 dB. This register controls the output
from 0 dB to a maximum attenuation of 46.5 dB.
HPRM
Right Channel Mute. Once enabled by the MSPLT bit in Register 0x76, this bit mutes the right channel
separately from the HPM bit. Otherwise, this bit will always read 0 and will have no effect when set to 1.
LHV[4:0]
Left Headphone Volume Control. The least significant bit represents 1.5 dB. This register controls the output
from 0 dB to a maximum attenuation of 46.5 dB.
HPM
Headphones Volume Mute. When this bit is set to 1, both the left and right channels are muted, unless the
MSPLT bit in Register 0x76 is set to 1, in which case, this mute bit will only affect the left channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com