Electronic Components Datasheet Search
  English  ▼

X  

AD1985 Datasheet(PDF) 15 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD1985 Datasheet HTML 11Page - Analog Devices AD1985 Datasheet HTML 12Page - Analog Devices AD1985 Datasheet HTML 13Page - Analog Devices AD1985 Datasheet HTML 14Page - Analog Devices AD1985 Datasheet HTML 15Page - Analog Devices AD1985 Datasheet HTML 16Page - Analog Devices AD1985 Datasheet HTML 17Page - Analog Devices AD1985 Datasheet HTML 18Page - Analog Devices AD1985 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
AD1985
Rev. A | Page 15 of 48
Master Volume Register (Index 0x02)
Reg Num
Name
D15 D14 D13 D12
D11
D10
D9
D8
D7
D6 D5 D4
D3
D2
D1
D0
Default
0x02
Master Volume
MM X
X
LMV4 LMV3 LMV2 LMV1 LMV0 MMRM1 X
X
RMV4 RMV3 RMV2 RMV1 RMV0 0x8000
1 For AC ’97 compatibility, Bit D7 (MMRM) is available only by setting the MSPLT bit in Register 0x76. The MSPLT bit enables separate mute bits for the left and right
channels.
This register controls the LINE_OUT volume and mute bits.
Each volume subregister contains five bits, generating 32
volume levels with increments of 1.5 dB each.
AC ’97 defines the 6-bit volume registers, therefore, to maintain
compatibility whenever the D5 or D13 bit is set to 1, its
respective lower five volume bits are automatically set to 1 by
the codec logic. On readback, all lower five bits will read 1s
whenever these bits are set to 1.
Note that depending on the state of the AC97NC bit in Register
0x76, this register has the following additional functionality:
• For AC97NC = 0, the register controls the LINE_OUT output
attenuators only.
• For AC97NC = 1, the register controls the LINE_OUT, center,
and LFE output attenuators.
RMV[4:0]
Right Master Volume Control. The least significant bit represents 1.5 dB. This register controls the output from
0 dB to a maximum attenuation of 46.5 dB.
MMRM
Right Channel Mute. Once enabled by the MSPLT bit in Register 0x76, this bit mutes the right channel
separately from the MM bit. Otherwise, this bit will always read 0 and will have no effect when set to 1.
LMV[4:0]
Left Master Volume Control. The least significant bit represents 1.5 dB. This register controls the output from
0 dB to a maximum attenuation of 46.5 dB.
MM
Master Volume Mute. When this bit is set to 1, all channels are muted, unless the MSPLT bit in Register 0x76 is
set to 1, in which case, this mute bit will only affect the left channels.
Volume Settings for Master and Headphone
Reg.
0x76
Control Bits
Master Volume (0x02) and Headphone Volume (0x04)
Left Channel Volume D[13:8]
Right Channel Volume D[5:0]
MSPLT1
D15
Write
Readback
Function
D71
Write
Readback
Function
0
0
00
0000
00 0000
0 dB Gain
x
00
0000
00 0000
0 dB Gain
0
0
00
1111
00 1111
–22.5 dB Gain
x
00
1111
00 1111
–22.5 dB Gain
0
0
01
1111
01 1111
–46.5 dB Gain
x
01
1111
01 1111
–46.5 dB Gain
0
0
1x xxxx
01 1111
–46.5 dB Gain
x
1x xxxx
01 1111
–46.5 dB Gain
0
1
xx xxxx
xx xxxx
–∞ dB Gain, Muted
x
xx xxxx
xx xxxx
–∞ dB Gain, Muted
1
0
1x xxxx
01 1111
–46.5 dB Gain
1
xx xxxx
xx xxxx
–∞ dB Gain, Only Right
Muted
1
1
xx xxxx
xx xxxx
–∞ dB Gain, Only Left
Muted
0
1x xxxx
01 1111
–46.5 dB Gain
1
1
xx xxxx
xx xxxx
–∞ dB Gain, Left Muted
1
xx xxxx
xx xxxx
–∞ dB Gain, Right Muted
Note: x in the above table is a wild card, meaning the value has no effect.
1 For AC ’97 compatibility, Bit D7 is available only by setting the MSPLT bit, Register 0x76. The MSPLT bit enables separate mute bits for the left and right channels. If
MSPLT is not set, Bit D7 has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com