Electronic Components Datasheet Search
  English  ▼

X  

AD7938 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7938
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7938 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7938 Datasheet HTML 2Page - Analog Devices AD7938 Datasheet HTML 3Page - Analog Devices AD7938 Datasheet HTML 4Page - Analog Devices AD7938 Datasheet HTML 5Page - Analog Devices AD7938 Datasheet HTML 6Page - Analog Devices AD7938 Datasheet HTML 7Page - Analog Devices AD7938 Datasheet HTML 8Page - Analog Devices AD7938 Datasheet HTML 9Page - Analog Devices AD7938 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD7938/AD7939
Preliminary Technical Data
Parameter
B Version1
Unit
Test Conditions/Comments
VREF Output Impedance
10
Ω typ
VREF Input Capacitance
15
pF typ
When in track
25
pF typ
When in hold
LOGIC INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IIN
±1
µA max
Typically 10 nA, VIN = 0 V or VDRIVE
Input Capacitance, CIN5
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
2.4
V min
ISOURCE = 200 µA;
Output Low Voltage, VOL
0.4
V max
ISINK = 200 µA
Floating-State Leakage Current
±10
µA max
Floating-State Output Capacitance5
10
pF max
Output Coding
CODING bit = 0
Straight (Natural) Binary
Twos Complement
CODING bit =1
CONVERSION RATE
Conversion Time
t2 + 13 tclk + t20
ns
Track-and-Hold Acquisition Time
135
ns max
Full-scale step input
Throughput Rate
1.5
MSPS max
POWER REQUIREMENTS
VDD
2.7/5.25
V min/max
VDRIVE
2.7/5.25
V min/max
IDD7
Digital I/Ps = 0 V or VDRIVE
Normal Mode(Static)
0.5
mA typ
VDD = 2.7 V to 5.25 V, SCLK on or off
Normal Mode (Operational)
3.2
mA max
VDD = 4.75 V to 5.25 V
2.6
mA max
VDD = 2.7 V to 3.6 V
Auto-Standby Mode
1.55
mA typ
FSAMPLE = 250 kSPS
90
µA max
(Static)
Auto-Shutdown Mode
1
mA typ
FSAMPLE = 250 kSPS
1
µA max
(Static)
Full Shutdown Mode
1
µA max
SCLK on or off
Power Dissipation
Normal Mode (Operational)
16
mW max
VDD = 5 V
8
mW max
VDD = 3 V
Auto-Standby Mode (Static)
450
µW max
VDD = 5 V
270
µW max
VDD = 3 V
Auto-Shutdown Mode (Static)
5
µW max
VDD = 5 V
3
µW max
VDD = 3 V
Full Shutdown Mode
5
µW max
VDD = 5 V
3
µW max
VDD = 3 V
1 Temperature ranges as follows: B Versions: −40°C to +85°C.
2 See the Terminology section.
3 Analog inputs with slew rates exceeding 27 V/µs (full-scale input sine wave >3.5 MHz) within the acquisition time may cause an incorrect conversion result to be
returned by the converter.
4 For full common-mode range see Fig
and
.
ure 28
Figure 29
5 Sample tested during initial release to ensure compliance.
6 This device is operational with an external reference in the range 0.1 V to 3.5 V in differential mode and 0.1 V to VDD in pseudo-differential and single-ended modes.
See the Reference Section for more details.
7 Measured with a midscale dc input.
Rev. PrN | Page 6 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com