Electronic Components Datasheet Search
  English  ▼

X  

AD7938 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7938
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7938 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7938 Datasheet HTML 5Page - Analog Devices AD7938 Datasheet HTML 6Page - Analog Devices AD7938 Datasheet HTML 7Page - Analog Devices AD7938 Datasheet HTML 8Page - Analog Devices AD7938 Datasheet HTML 9Page - Analog Devices AD7938 Datasheet HTML 10Page - Analog Devices AD7938 Datasheet HTML 11Page - Analog Devices AD7938 Datasheet HTML 12Page - Analog Devices AD7938 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Preliminary Technical Data
AD7938/AD7939
PIN FUNCTION DESCRIPTION
D0 1
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
D1 2
D2 3
D3 4
D4 5
D5 6
D6 7
D7 8
VIN1
24
VIN0
23
VREFIN/VREFOUT
22
AGND
21
20
19
WR
18
CONVST
17
AD7938/AD7939
TOP VIEW
(Not to Scale)
RD
CS
PIN 1
IDENTIFIER
Figure 2. Pin Configuration
Table 5. Pin Function Description
Pin
No
Mnemonic
Function
1 to
8
DB0 to DB7
Data Bits 0 to 7. Three-state parallel digital I/O pins that provide the conversion result and also allow the control and
shadow registers to be programmed. These pins are controlled by CS, RD, and WR. The logic high/low voltage levels
for these pins are determined by the VDRIVE input. When reading from the AD7939, the two LSBs (DB0 and DB1) are
always 0 and the LSB of the conversion result is available on DB2.
9
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the parallel interface of the
AD7938/AD7939 operates. This pin should be decoupled to DGND. The voltage at this pin may be different to that at
VDD but should never exceed VDD by more than 0.3 V.
10
DGND
Digital Ground. This is the ground reference point for all digital circuitry on the AD7938/AD7939. This pin should
connect to the DGND plane of a system. The DGND and AGND voltages should ideally be at the same potential and
must not be more than 0.3 V apart, even on a transient basis.
11
DB8/HBEN
Data Bit 8/High Byte Enable. When W/B is high, this pin acts as Data Bit 8, a three-state I/O pin that is controlled by CS
, RD, and WR. When W/B is low, this pin acts as the high byte enable pin. When HBEN is low, the low byte of data
being written to or read from the AD7938/AD7939 is on DB0 to DB7. When HBEN is high, the top four bits of the data
being written to or read from the AD7938/AD7939 are on DB0 to DB3. When reading from the device, DB4 to DB6 of
the high byte will contain the ID of the channel for which the conversion result corresponds (see the channel address
bits in Table 9). When writing to the device, DB4 to DB7 of the high byte must be all 0s. Note that when reading from
the AD7939, the two LSBs of the low byte are 0s, and the remaining 6 bits, conversion data.
12
to
14
DB9 to
DB11
Data Bits 9 to 11. Three-state parallel digital I/O pins that provide the conversion result and also allow the control and
shadow registers to be programmed in word mode. These pins are controlled by CS, RD, and WR. The logic high/low
voltage levels for these pins are determined by the VDRIVE input.
15
BUSY
Busy Output. Logic output indicating the status of the conversion. The BUSY output goes high following the falling
edge of CONVST and stays high for the duration of the conversion. Once the conversion is complete and the result is
available in the output register, the BUSY output goes low. The track-and-hold returns to track mode just prior to the
falling edge of BUSY on the 13th rising edge of SCLK, see Figure 38.
16
CLKIN
Master Clock Input. The clock source for the conversion process is applied to this pin. Conversion time for the
AD7938/AD7939 takes 13.5 clock cycles. The frequency of the master clock input therefore determines the
conversion time and achievable throughput rate. The CLKIN signal may be a continuous or burst clock.
17
CONVST
Conversion Start Input. A falling edge on CONVST is used to initiate a conversion. The track-and-hold goes from track to
hold mode on the falling edge of CONVST and the conversion process is initiated at this point. Following power-down,
when operating in auto-shutdown or auto-standby modes, a rising edge on CONVST is used to power-up the device.
18
WR
Write Input. Active low logic input used in conjunction with CS to write data to the internal registers.
19
RD
Read Input. Active low logic input used in conjunction with CS to access the conversion result. The conversion result
is placed on the data bus following the falling edge of RD read while CS is low.
20
CS
Chip Select. Active low logic input used in conjunction with RD and WR to read conversion data or to write data to
Rev. PrN | Page 9 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com