Electronic Components Datasheet Search
  English  ▼

X  

AD7938 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7938
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7938 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7938 Datasheet HTML 13Page - Analog Devices AD7938 Datasheet HTML 14Page - Analog Devices AD7938 Datasheet HTML 15Page - Analog Devices AD7938 Datasheet HTML 16Page - Analog Devices AD7938 Datasheet HTML 17Page - Analog Devices AD7938 Datasheet HTML 18Page - Analog Devices AD7938 Datasheet HTML 19Page - Analog Devices AD7938 Datasheet HTML 20Page - Analog Devices AD7938 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Preliminary Technical Data
AD7938/AD7939
Table 9. Analog Input Type Selection
Channel Address
MODE0 = 0, MODE1 = 0
MODE0 = 0, MODE1 = 1
MODE0 = 1, MODE1 = 0
MODE0 = 1, MODE1 = 1
Eight Single-Ended
I/P Channels
Four Fully Differential
I/P Channels
Four Pseudo-Differential I/P
Channels (Pseudo Mode 1)
Seven Pseudo-Differential I/P
Channels (Pseudo Mode 2)
ADD2
ADD1
ADD0
VIN+
VIN-
VIN+
VIN-
VIN+
VIN-
VIN+
VIN-
0
0
0
VIN0
AGND
VIN0
VIN1
VIN0
VIN1
VIN0
VIN7
0
0
1
VIN1
AGND
VIN1
VIN0
VIN1
VIN0
VIN1
VIN7
0
1
0
VIN2
AGND
VIN2
VIN3
VIN2
VIN3
VIN2
VIN7
0
1
1
VIN3
AGND
VIN3
VIN2
VIN3
VIN2
VIN3
VIN7
1
0
0
VIN4
AGND
VIN4
VIN5
VIN4
VIN5
VIN4
VIN7
1
0
1
VIN5
AGND
VIN5
VIN4
VIN5
VIN4
VIN5
VIN7
1
1
0
VIN6
AGND
VIN6
VIN7
VIN6
VIN7
VIN6
VIN7
1
1
1
VIN7
AGND
VIN7
VIN6
VIN7
VIN6
Not Allowed
SEQUENCER OPERATION
The configuration of the SEQ and SHDW bits in the control register allows the user to select a particular mode of operation of the
sequencer function. T
outlines the four modes of operation of the sequencer.
able 10
Table 10. Sequence Selection
Table 10
SEQ
SHDW
Sequence Type
0
0
This configuration is selected when the sequence function is not used. The analog input channel selected on each
individual conversion is determined by the contents of the channel address bits, ADD2 to ADD0, in each prior write
operation. This mode of operation reflects the traditional operation of a multichannel ADC, without the sequencer
function being used, where each write to the AD7938/AD7939 selects the next channel for conversion.
0
1
This configuration selects the shadow register for programming. The following write operation loads the data on DB0 to
DB7 to the shadow register. This will program the sequence of channels to be converted continuously after each CONVST
falling edge (see the shadow register description and Table 11).
1
0
If the SEQ and SHADOW bits are set in this way, the sequence function is not interrupted upon completion of the WRITE
operation. This allows other bits in the control register to be altered between conversions while in a sequence without
terminating the cycle.
1
1
This configuration is used in conjunction with the channel address bits (ADD2 to ADD0) to program continuous
conversions on a consecutive sequence of channels from Channel 0 through to a selected final channel as determined by
the channel address bits in the control register.
SHADOW REGISTER
The shadow register on the AD7938/AD7939 is an 8-bit, write-only register. Data is loaded from DB0 to DB7 on the rising edge of WR.
The eight LSBs load into the shadow register. The information is written into the shadow register provided that the SEQ and SHDW bits
in the control register were set to 0 and 1, respectively in the previous write to the control register. Each bit represents an analog input
from Channel 0 through Channel 7. A sequence of channels may be selected through which the AD7938/AD7939 cycles with each
consecutive conversion after the write to the shadow register. To select a sequence of channels to be converted, if operating in single-
ended mode or Pseudo Mode 2, the associated channel bit in the shadow register must be set for each required analog input. When
operating in differential mode or Pseudo Mode 1, the associated pair of channels’ bits must be set for each pair of analog inputs required
in the sequence. With each consecutive CONVST pulse after the sequencer has been set up, the AD7938/AD7939 progress through the
selected channels in ascending order, beginning with the lowest channel. This continues until a write operation occurs with the SEQ and
SHDW bits configured in any way except 1, 0 (see
). When a sequence is set up in differential or Pseudo Mode 1, the ADC does
not convert on the inverse pairs (i.e., VIN1, VIN0). The bit functions of the shadow register are outlined in
. See the An
section for further information on using the sequencer.
Table 11
Table 11. Shadow Register Bit Functions
alog Input
Selection
VIN0
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
Rev. PrN | Page 17 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com