| Electronic Components Datasheet Search |
|
AD7938 Datasheet(PDF) 29 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7938 Datasheet(HTML) 29 Page - Analog Devices |
|
29 / 32 page ![]() Preliminary Technical Data AD7938/AD7939 POWER VS. THROUGHPUT RATE A big advantage of powering the ADC down after a conversion is that the power consumption of the part is significantly reduced at lower throughput rates. When using the different power modes, the AD7938/AD7939 is only powered up for the duration of the conversion. Therefore, the average power consumption per cycle is significantly reduced. F and show plots of power versus throughput when operating in auto-shutdown and auto-standby modes. igure 43 Figure 43. Power vs. Throughput in Auto-Shutdown Mode Figure 44 Figure 44. Power vs. Throughput in Auto-Standby Mode MICROPROCESSOR INTERFACING AD7938/AD7939 to ADSP-21xx Interface Figure 45 Figure 45. Interfacing to the ADSP-21xx shows the AD7938/AD7939 interfaced to the ADSP- 21xx series of DSPs as a memory mapped device. A single wait state may be necessary to interface the AD7938/AD7939 to the ADSP-21xx depending on the clock speed of the DSP. The wait state can be programmed via the data memory wait state control register of the ADSP-21xx (please see the ADSP-21xx family User’s Manual for details). The following instruction reads from the AD7938/AD7939 MR = DM(ADC) where ADC is the address of the AD7938/AD7939. AD7938/ AD7939* ADSP-21xx* WR RD DB0 TO DB11 D0 TO D23 A0 TO A15 DMS IRQ2 BUSY CS CONVST OPTIONAL WR RD *ADDITIONAL PINS OMITTED FOR CLARITY ADDRESS BUS DATA BUS ADDRESS DECODER AD7938/AD7939 to ADSP-21065L Interface Figure 46 Figure 46. Interfacing to the ADSP-21065L shows a typical interface between the AD7938/AD7939 and the ADSP-21065L SHARC processor. This interface is an example of one of three DMA handshake modes. The MSx control line is actually three memory select lines. Internal ADDR25-24 are decoded into MS3-0, these lines are then asserted as chip selects. The DMAR1 (DMA request 1) is used in this setup as the interrupt to signal the end of conversion. The rest of the interface is standard handshaking operation. AD7938/ AD7939* ADSP-21065L* WR DB0 TO DB11 D0 TO D31 ADDR0 TO ADDR23 MSX DMAR1 BUSY CS CONVST OPTIONAL WR RD RD *ADDITIONAL PINS REMOVED FOR CLARITY ADDRESS BUS ADDRESS BUS DATA BUS ADDRESS LATCH ADDRESS DECODER AD7938/AD7939 to TMS32020, TMS320C25, and TMS320C5x Interface Parallel interfaces between the AD7938/AD7939 and the TMS32020, TMS320C25, and TMS320C5x family of DSPs are shown in . The memory mapped address chosen for the AD7938/AD7939 should be chosen to fall in the I/O memory space of the DSPs. The parallel interface on the AD7938/AD7939 is fast enough to interface to the TMS32020 with no extra wait states. If high speed glue logic, such as 74AS devices, are used to drive the RD and the WR lines when interfacing to the TMS320C25, then again, no wait states are necessary. However, if slower logic is used, data accesses may be Figure 47 Rev. PrN | Page 29 of 32 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |