Electronic Components Datasheet Search
  English  ▼

X  

AD7938 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7938
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7938 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7938 Datasheet HTML 12Page - Analog Devices AD7938 Datasheet HTML 13Page - Analog Devices AD7938 Datasheet HTML 14Page - Analog Devices AD7938 Datasheet HTML 15Page - Analog Devices AD7938 Datasheet HTML 16Page - Analog Devices AD7938 Datasheet HTML 17Page - Analog Devices AD7938 Datasheet HTML 18Page - Analog Devices AD7938 Datasheet HTML 19Page - Analog Devices AD7938 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD7938/AD7939
Preliminary Technical Data
ON-CHIP REGISTERS
The AD7938/AD7939 have two on-chip registers that are necessary for the operation of the device. These are the control register, which is
used to set up different operating conditions, and the shadow register, which is used to program the analog input channels to be
converted.
CONTROL REGISTER
The control register on the AD7938/AD7939 is a 12-bit, write-only register. Data is written to this register using the CS and WR pins. The
control register is shown below and the functions of the bits are described in
. At power up, the default bit settings in the control
register are all 0s.
Table 7
Table 7. Control Register Bit Function Description
Table 6. Control Register Bits
MSB
LSB
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
PM1
PM0
CODING
REF
ADD2
ADD1
ADD0
MODE1
MODE0
SHDW
SEQ
RANGE
Bit No.
Mnemonic
Description
11, 10
PM1, PM0
Power Management Bits. These two bits are used to select the power mode of operation. The user can choose
between either normal mode or various power-down modes of operation as shown in Table 8.
9
CODING
This bit selects the output coding of the conversion result. If this bit is set to 0, the output coding is straight
(natural) binary. If this bit is set to 1, the output coding is twos complement.
8
REF
This bit selects whether the internal or external reference is used to perform the conversion. If this bit is Logic 0, an
external reference should be applied to the VREF pin, and if this bit is Logic 1, the internal reference is selected (see
the Reference Section).
7 to 5
ADD2 to
ADD0
These three address bits are used to either select which analog input channel is converted in the next conversion
if the sequencer is not used or to select the final channel in a consecutive sequence when the sequencer is used as
described in Table 10. The selected input channel is decoded as shown in
.
4, 3
MODE1,
MODE0
The two mode pins select the type of analog input on the eight VIN pins. The AD7938/AD7939 can have either
eight single-ended inputs, four fully differential inputs, four pseudo-differential inputs, or seven pseudo-
differential inputs (see Table 9).
2
SHDW
The SHDW bit in the control register is used in conjunction with the SEQ bit to control the sequencer function and
access the SHDW register (see Table 10).
1
SEQ
The SEQ bit in the control register is used in conjunction with the SHDW bit to control the sequencer function and
access the SHDW register (see Table 10).
0
RANGE
This bit selects the analog input range of the AD7938/AD7939. If it is set to 0, then the analog input range extends
from 0 V to VREF. If it is set to 1, then the analog input range extends from 0 V to 2 × VREF. When this range is
selected, AVDD must be 4.75 V to 5.25 V if a 2.5 V reference is used; otherwise, care must be taken to ensure that
the analog input remains within the supply rails. See
section for more information.
Table 9
Analog Inputs
Table 8. Power Mode Selection using the Power Management Bits in the Control Register
PM1
PM0
Mode
Description
0
0
Normal
Mode
When operating in normal mode, all circuitry is fully powered up at all times.
0
1
Auto
Shutdown
When operating in auto-shutdown mode, the AD7938/AD7939 will enter full shutdown mode at the end of
each conversion. In this mode, all circuitry is powered down.
1
0
Auto
Standby
When the AD7938/AD7939 enter this mode, all circuitry is partially powered down. This mode is similar to
auto-shutdown mode, but it allows the part to power-up in 1 µsec.
1
1
Full
Shutdown
When the AD7938/AD7939 enter this mode, all circuitry is powered down. The information in the control
register is retained.
Rev. PrN | Page 16 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com