Electronic Components Datasheet Search
  English  ▼

X  

AD7938 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7938
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7938 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7938 Datasheet HTML 11Page - Analog Devices AD7938 Datasheet HTML 12Page - Analog Devices AD7938 Datasheet HTML 13Page - Analog Devices AD7938 Datasheet HTML 14Page - Analog Devices AD7938 Datasheet HTML 15Page - Analog Devices AD7938 Datasheet HTML 16Page - Analog Devices AD7938 Datasheet HTML 17Page - Analog Devices AD7938 Datasheet HTML 18Page - Analog Devices AD7938 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Preliminary Technical Data
AD7938/AD7939
Figure 15. AD7939 FFT @ VDD = 5 V
Figure 16. AD7939 Typical DNL @ VDD = 5 V
Figure 17. AD7939 Typical INL @ VDD = 5 V
Rev. PrN | Page 15 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com