Electronic Components Datasheet Search
  English  ▼

X  

AD7938 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7938
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7938 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7938 Datasheet HTML 20Page - Analog Devices AD7938 Datasheet HTML 21Page - Analog Devices AD7938 Datasheet HTML 22Page - Analog Devices AD7938 Datasheet HTML 23Page - Analog Devices AD7938 Datasheet HTML 24Page - Analog Devices AD7938 Datasheet HTML 25Page - Analog Devices AD7938 Datasheet HTML 26Page - Analog Devices AD7938 Datasheet HTML 27Page - Analog Devices AD7938 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD7938/AD7939
Preliminary Technical Data
Therefore, when operating at VDD = 5 V, the value of VREF can
range from 100 mV to a maximum value of 3.5 V. When VDD =
4.75 V, VREF MAX = 3.17 V.
1
AD780
NC
8
2
+VIN
NC
7
3
GND
6
4
TEMP
5
O/PSELECT
TRIM
VOUT
VREF
2.5V
NC
NC
VDD
NC = NO CONNECT
10nF
0.1
µF
0.1
µF
0.1
µF
*ADDITIONAL PINS OMITTED FOR CLARITY
AD7938/
AD7939*
Example 2
VIN MAX = VDD + 0.3
VIN MAX = VREF + VREF/2
If VDD = 3.6 V, then VIN MAX = 3.9 V.
Therefore, 3 × VREF/2 = 3.6 V.
VREF MAX = 2.6 V
Therefore, when operating with at VDD = 3 V, the value of VREF
can range from 100 mV to a maximum value of 2.4 V. When
VDD = 2.7 V, VREF MAX = 2 V.
These examples show that the maximum reference applied to the
AD7938/AD7939 is directly dependant on the value applied to VDD.
The performance of the part at different reference values is
shown in Figures TBD to TBD. The value of the reference sets
the analog input span and the common-mode voltage range.
Errors in the reference source result in gain errors in the
AD7938/AD7939 transfer function and add to specified full-
scale errors on the part.
Table 12
Table 12. Examples of Suitable Voltage References
lists examples of suitable voltage references that could
be used that are available from Analog Devices and F
shows a typical connection diagram for an external reference.
igure 37
Figure 37. Typical VREF Connection Diagram
Digital Inputs
The digital inputs applied to the AD7938/AD7939 are not
limited by the maximum ratings that limit the analog inputs.
Instead, the digital inputs applied can go to 7 V and are not
restricted by the AVDD + 0.3 V limit as on the analog inputs.
Another advantage of the digital inputs not being restricted by
the AVDD + 0.3 V limit is the fact that power supply sequencing
issues are avoided. If any of these inputs are applied before
AVDD, then there is no risk of latch-up as there would be on the
analog inputs if a signal greater than 0.3 V was applied prior to
AVDD.
VDRIVE Input
The AD7938/AD7939 has a VDRIVE feature. VDRIVE controls the
voltage at which the parallel interface operates. VDRIVE allows the
ADC to easily interface to 3 V and 5 V processors.
Reference
Output
Voltage
Initial Accuracy
(% Max)
Operating
Current (µA)
AD780
2.5/3
0.04
1000
ADR421
2.5
0.04
500
ADR420
2.048
0.05
500
For example, if the AD7938/AD7939 operate with an AVDD of
5 V and the VDRIVE pin is powered from a 3 V supply, the
AD7938/AD7939 has better dynamic performance with an
AVDD of 5V while still being able to interface directly to 3 V
processors. Care should be taken to ensure VDRIVE does not
exceed AVDD by more than 0.3 V (see the
section).
Absolute Maximum
Ratings
Rev. PrN | Page 24 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com