Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 196 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 196 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 192Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 193Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 194Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 195Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 196Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 197Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 198Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 199Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 200Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 295 page
background image
WM8962
196
Rev 4.3
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
21 (15h)
R60 (3Ch)
6 bits
Bit 2
33h
Ah
0b
INL_DCS_ENA = 1
INL_DCS_STARTUP = 1
INR_DCS_ENA = 1
INR_DCS_STARTUP = 1
(time delay inserted)
22 (16h)
R254 (FEh)
1 bit
Bit 0
00h
0h
0b
Dummy Write for expansion
23 (17h)
R25 (19h)
2 bits
Bit 2
03h
0h
0b
ADCL_ENA = 1
ADCR_ENA = 1
24 (18h)
R32 (20h)
3 bits
Bit 3
00h
0h
0b
INPGAL_MIXINL_VOL [2:0] = 000
25 (19h)
R33 (21h)
3 bits
Bit 3
00h
0h
1b
INPGAR_MIXINR_VOL [2:0] = 000
Table 127 Analogue Input Power Up Sequence
Chip Power Down
The Chip Power Down sequence is initiated by writing 009Bh to Register 90 (5Ah). This single
operation starts the Control Write Sequencer at Index Address 27 (1Bh).
This sequence takes up to 32ms to run.
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
27 (1Bh)
R5 (5h)
1 bit
Bit 3
01h
8h
0b
DAC_MUTE = 1b
(time delay inserted)
28 (1Ch)
R0 (0h)
1 bit
Bit 7
01h
0h
0b
INPGAL_MUTE = 1b
29 (1Dh)
R1 (1h)
2 bits
Bit 7
03h
0h
0b
INVU = 1b
INPGAR_MUTE = 1b
30 (1Eh)
R69 (45h)
5 bits
Bit 3
0Eh
0h
0b
HP1L_RMV_SHORT = 0b
HP1R_RMV_SHORT = 0b
31 (1Fh)
R96 (60h)
5 bits
Bit 3
0Eh
0h
0b
32 (20h)
R2 (2h)
7 bits
Bit 0
00h
0h
0b
HPOUTL_VOL [6:0] = 00h
33 (21h)
R3 (3h)
7 bits
Bit 0
00h
0h
0b
HPOUTR_VOL [6:0] = 00h
34 (22h)
R3 (3h)
1 bit
Bit 8
01h
0h
0b
HPOUTVU = 1b
35 (23h)
R40 (28h)
7 bits
Bit 0
00h
0h
0b
SPKOUTL_VOL [6:0] = 00h
36 (24h)
R41 (29h)
7 bits
Bit 0
00h
0h
0b
SPKOUTR_VOL [6:0] = 00h
37 (25h)
R41 (29)
1 bit
Bit 8
01h
0h
0b
SPKOUT_VU = 1b
38 (26h)
R60 (3Ch)
5 bits
Bit 3
00h
0h
0b
INL_DCS_ENA = 0b
INR_DCS_ENA = 0b
39 (27h)
R61 (3Dh)
5 bits
Bit 3
00h
0h
0b
HP1L_DCS_ENA = 0b
HP1R_DCS_ENA = 0b
40 (28h)
R62 (3Eh)
5 bits
Bit 3
00h
0h
0b
41 (29h)
R69 (45h)
8 bits
Bit 0
00h
0h
0b
HP1L_ENA_OUTP = 0b
HP1L_ENA_DLY = 0b
HP1L_ENA = 0b
HP1R_ENA_OUTP = 0b
HP1R_ENA_DLY = 0b
HP1R_ENA = 0b
42 (2Ah)
R96 (60h)
8 bits
Bit 0
00h
0h
0b
43 (2Bh)
R49 (31h)
2 bits
Bit 6
00h
0h
0b
SPKOUTR_ENA = 0b
SPKOUTL_ENA = 0b
44 (2Ch)
R99 (63h)
4 bits
Bit 0
00h
0h
0b
HPMIXL_ENA = 0b
HPMIXR_ENA = 0b
SPKMIXL_ENA = 0b
SPKMIXR_ENA = 0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com