Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 198 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 198 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 194Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 195Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 196Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 197Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 198Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 199Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 200Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 201Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 202Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 295 page
background image
WM8962
198
Rev 4.3
THERMAL SHUTDOWN
The WM8962 incorporates a temperature sensor on each of the headphone circuit and the speaker
circuit. These detect when the device temperature is within normal limits, or the device is approaching
a hazardous temperature condition (above 125ºC and below 145ºC), or if the device has exceeded a
hazardous temperature condition (>145ºC). The temperature sensors can be configured to
automatically disable the audio outputs of the WM8962 in response to an over-temperature condition
(approximately 145ºC) on either the headphone or the speaker circuits.
The temperature status can be output directly on a GPIO pin, as described in the “General Purpose
Input/Output (GPIO)
” section. The temperature sensor can also be used to generate Interrupt events,
as described in the “Interrupts” section.
The temperature sensors are enabled on the headphone and the speaker circuits by setting the
TEMP_ENA_HP and the TEMP_ENA_SPK register bits respectively.
Temperature warnings are flagged at 125ºC by asserting the TEMP_WARN_HP (headphones) and
TEMP_WARN_SPK (speakers) register bits. Potentially hazardous over-temperature conditions are
flagged by the setting of the TEMP_ERR_HP (headphones) and TEMP_ERR_SPK (speakers)
registers.
When the THERR_ACT register is also set, then a device over-temperature condition in either sensor
(TEMP_ERR_HP or TEMP_ERR_SPK asserted) will cause the speaker outputs (SPKOUTL and
SPKOUTR) to be disabled by setting SPKL_ENA and SPKR_ENA to 0, and the headphone outputs to
be disabled by setting CP_ENA to 0. This response is likely to prevent any damage to the device
attributable to the large currents of the output drivers. Note that headphone and speaker audio outputs
are both disabled when either of the TEMP_ERR_HP or TEMP_ERR_SPK register bits is set.
When the audio circuits are disabled by THERR_ACT after reaching a temperature of 145ºC, they will
be reset to their previous setting once the temperature drops again.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
Additional
control(1)
8
THERR_ACT
[15:0]
1
Speaker and Headphone
over-temperature shutdown enable.
0 = Disabled
1 = Enabled
Note that TEMP_ENA_HP or
TEMP_ENA_SPK or both must be
enabled for Automatic Shutdown to work
R47 (2Fh)
Thermal
Shutdown
Status
3
TEMP_ERR_
HP
0
Headphone temperature error status
(triggered at 145°C)
0 = Not triggered
1 = Triggered
Note that this is a Read Only field
2
TEMP_WARN
_HP
0
Headphone temperature warning status
(triggered at 125°C)
0 = Not triggered
1 = Triggered
Note that this is a Read Only field
1
TEMP_ERR_
SPK
0
Speaker temperature error status
(triggered at 145°C)
0 = Not triggered
1 = Triggered
Note that this is a Read Only field
0
TEMP_WARN
_SPK
0
Speaker temperature warning status
(triggered at 125°C)
0 = Not triggered
1 = Triggered
Note that this is a Read Only field
R48 (30h)
2
TEMP_ENA_
HP
1
Headphone temperature sensor enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com