Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 199 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 199 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 195Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 196Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 197Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 198Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 199Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 200Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 201Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 202Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 203Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 295 page
background image
WM8962
Rev 4.3
199
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
TEMP_ENA_S
PK
1
Speaker temperature sensor enable
0 = Disabled
1 = Enabled
Table 131 Temperature Sensor Control
SOFTWARE RESET AND CHIP ID
A Software Reset can be commanded by writing to Register R15. This is a read-only register field and
the contents will not be affected by writing to this Register. Note that the PLL Registers (R114 through
to R152) are not affected by this Software Reset; these registers can be reset separately.
A PLL Software Reset can be commanded by writing to Register R127. This is a read-only register
field and the contents will not be affected by writing to this Register. The PLL Software Reset causes
the contents of the PLL Registers (R114 through to R152) to be reset to their default states.
The Customer ID and Chip Revision ID can be read back from Register R1 (01h), as described in
Table 132.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
Right Input
volume
15:12
CUST_ID [3:0]
0000b
Reading from this register will indicate
the Customer ID.
11:9
CHIP_REV
[2:0]
Reading from this register will indicate
the Chip Revision ID.
000 = Rev A
001 = Rev B
010 = Rev C
011 = Rev D
R15 (0Fh)
Software
Reset
15:0
SW_RESET
[15:0]
6243h
Writing to this register resets all non-PLL
registers to their default state.
Registers R114 (72h) through to R152
(98h) are not affected by this Reset.
Reading from this register will indicate
Chip ID 6243h.
R127 (7Fh)
PLL Software
Reset
15:0
SW_RESET_
PLL [15:0]
Writing to this register resets all PLL
registers to their default state.
This affects registers R114 (72h)
through to R152 (98h).
Table 132 Software Reset and Chip ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com