Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 200 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 200 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 196Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 197Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 198Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 199Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 200Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 201Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 202Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 203Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 204Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 295 page
background image
WM8962
200
Rev 4.3
REGISTER MAP
The WM8962 control registers are listed below. Note that only the register addresses described here should be accessed; writing to
other addresses may result in undefined behaviour. Register bits that are not documented should not be changed from the default
values.
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R0 (0h) Left Input
volume
0
0
0
0
0
0
0
IN_VU INPGA
L_MUT
E
INL_ZC
INL_VOL [5:0]
009Fh
R1 (1h) Right Input
volume
CUST_ID [3:0]
CHIP_REV [2:0]
IN_VU INPGA
R_MUT
E
INR_Z
C
INR_VOL [5:0]
069Fh
R2 (2h) HPOUTL
volume
0
0
0
0
0
0
0
HPOUT
_VU
HPOUT
L_ZC
HPOUTL_VOL [6:0]
0000h
R3 (3h) HPOUTR
volume
0
0
0
0
0
0
0
HPOUT
_VU
HPOUT
R_ZC
HPOUTR_VOL [6:0]
0000h
R4 (4h) Clocking1
0
0
0
0
0
DSPCLK_DIV
[1:0] (K)
ADCSYS_CLK_DIV [2:0]
(K)
DACSYS_CLK_DIV [2:0]
(K)
SYSCLK_DIV
[1:0] (K)
0
0020h
R5 (5h) ADC & DAC
Control 1
0
0
0
0
0
0
0
0
0
ADCR_
DAT_I
NV
ADCL_
DAT_I
NV
DAC_M
UTE_R
AMP
DAC_M
UTE
DAC_DEEMP
[1:0]
ADC_H
PF_DIS
0018h
R6 (6h) ADC & DAC
Control 2
0
0
ADC_HPF_SR
[1:0] (K)
0
ADC_H
PF_MO
DE
ADC_HPF_CUT [2:0]
DACR_
DAT_I
NV
DACL_
DAT_I
NV
0
DAC_U
NMUT
E_RAM
P
DAC_M
UTERA
TE
0
DAC_H
P
2008h
R7 (7h) Audio Interface
0
0
0
0
AIFDA
C_TDM
_MOD
E
AIFDA
C_TDM
_SLOT
AIFAD
C_TDM
_MOD
E
AIFAD
C_TDM
_SLOT
ADC_L
RSWA
P
BCLK_I
NV
MSTR DAC_L
RSWA
P
LRCLK
_INV
WL [1:0]
FMT [1:0]
000Ah
R8 (8h) Clocking2
0
0
0
0
CLKRE
G_OVD
MCLK_SRC
[1:0]
CLASSD_CLK_DIV [2:0]
(K)
SYSCL
K_ENA
0
BCLK_DIV [3:0]
01E4h
R9 (9h) Audio Interface
1
0
0
0
0
AUTO
MUTE_
STS
0
DAC_AUTOMU
TE_SAMPLES
[1:0]
DAC_A
UTOM
UTE
0
0
DAC_C
OMP
DAC_C
OMPM
ODE
ADC_C
OMP
ADC_C
OMPM
ODE
LOOPB
ACK
0300h
R10 (Ah) Left DAC
volume
0
0
0
0
0
0
0
DAC_V
U
DACL_VOL [7:0]
00C0h
R11 (Bh) Right DAC
volume
0
0
0
0
0
0
0
DAC_V
U
DACR_VOL [7:0]
00C0h
R14 (Eh) Audio Interface
2
0
0
0
0
0
AIF_RATE [10:0]
0040h
R15 (Fh) Software Reset
SW_RESET [15:0]
0000h
R17 (11h) ALC1
0
0
0
0
0
ALC_IN
ACTIV
E_ENA
ALC_L
VL_MO
DE
ALCL_
ENA
ALCR_
ENA
ALC_MAXGAIN [2:0]
ALC_LVL [3:0]
007Bh
R18 (12h) ALC2
ALC_L
OCK_S
TS
ALC_T
HRESH
_STS
ALC_S
AT_ST
S
ALC_P
KOVR_
STS
ALC_N
GATE_
STS
0
0
0
ALC_Z
C
ALC_MINGAIN [2:0]
ALC_HLD [3:0]
0000h
R19 (13h) ALC3
0
0
0
ALC_NGATE_GAIN [2:0]
0
ALC_M
ODE
ALC_DCY [3:0]
ALC_ATK [3:0]
1C32h
R20 (14h) Noise Gate
ALC_NGATE_DCY [3:0]
ALC_NGATE_ATK [3:0]
ALC_NGATE_THR [4:0]
ALC_NGATE_M
ODE [1:0]
ALC_N
GATE_
ENA
3200h
R21 (15h) Left ADC
volume
0
0
0
0
0
0
0
ADC_V
U
ADCL_VOL [7:0]
00C0h
R22 (16h) Right ADC
volume
0
0
0
0
0
0
0
ADC_V
U
ADCR_VOL [7:0]
00C0h
R23 (17h) Additional
control(1)
0
0
0
0
0
0
0
THERR
_ACT
0
0
ADC_H
P
0
0
0
0
TOCLK
_ENA
0100h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com