Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 203 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 203 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 199Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 200Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 201Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 202Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 203Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 204Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 205Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 206Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 207Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 295 page
background image
WM8962
Rev 4.3
203
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R106
(6Ah)
Speaker Mixer
(2)
0
0
0
0
0
0
0
0
SPKMI
XR_TO
_SPKO
UTR_P
GA
0
DACL_
TO_SP
KMIXR
DACR_
TO_SP
KMIXR
MIXINL
_TO_S
PKMIX
R
MIXINR
_TO_S
PKMIX
R
IN4L_T
O_SPK
MIXR
IN4R_T
O_SPK
MIXR
0000h
R107
(6Bh)
Speaker Mixer
(3)
0
0
0
0
0
0
0
SPKMI
XL_MU
TE
MIXINL
_SPKM
IXL_VO
L
MIXINR
_SPKM
IXL_VO
L
IN4L_SPKMIXL_VOL
[2:0]
IN4R_SPKMIXL_VOL
[2:0]
013Fh
R108
(6Ch)
Speaker Mixer
(4)
0
0
0
0
0
0
0
SPKMI
XR_MU
TE
MIXINL
_SPKM
IXR_V
OL
MIXINR
_SPKM
IXR_V
OL
IN4L_SPKMIXR_VOL
[2:0]
IN4R_SPKMIXR_VOL
[2:0]
013Fh
R109
(6Dh)
Speaker Mixer
(5)
0
0
0
0
0
0
0
0
DACL_
SPKMI
XL_VO
L
DACR_
SPKMI
XL_VO
L
DACL_
SPKMI
XR_VO
L
DACR_
SPKMI
XR_VO
L
0
0
1
1
0003h
R110
(6Eh)
Beep Generator
(1)
0
0
0
0
0
0
0
0
BEEP_GAIN [3:0]
0
BEEP_RATE
[1:0]
BEEP_
ENA
0002h
R115 (73h) Oscillator Trim
(3)
0
0
0
0
0
0
0
0
0
0
0
OSC_TRIM_XTI [4:0] (K)
0000h
R116 (74h) Oscillator Trim
(4)
0
0
0
0
0
0
0
0
0
0
1
OSC_TRIM_XTO [4:0] (K)
0020h
R119 (77h) Oscillator Trim
(7)
0
0
0
0
0
0
0
0
XTO_CAP_SEL [3:0]
XTI_CAP_SEL [3:0]
0000h
R124
(7Ch)
Analogue
Clocking1
0
0
0
0
0
0
0
0
0
CLKOUT2_SEL
[1:0]
CLKOUT3_SEL
[1:0]
0
0
CLKOU
T5_SE
L
0011h
R125
(7Dh)
Analogue
Clocking2
0
0
0
0
0
0
0
0
PLL2_
OUTDI
V
PLL3_
OUTDI
V
0
PLL_SYSCLK_D
IV [1:0]
CLKOU
T3_DIV
CLKOU
T2_DIV
CLKOU
T5_DIV
004Bh
R126
(7Eh)
Analogue
Clocking3
0
0
0
0
0
0
0
0
0
0
0
1
CLKOU
T2_OE
CLKOU
T3_OE
1
CLKOU
T5_OE
001Fh
R127 (7Fh) PLL Software
Reset
SW_RESET_PLL [15:0]
0000h
R129 (81h) PLL2
0
0
0
0
0
0
0
0
OSC_E
NA
0
PLL2_
ENA
PLL3_
ENA
0
0
0
1
0001h
R131 (83h) PLL 4
0
0
0
0
0
0
0
0
0
0
0
1
0
0
PLL_C
LK_SR
C
FLL_T
O_PLL
3
0010h
R136 (88h) PLL 9
0
0
0
0
0
0
0
0
0
PLL2_F
RAC
1
PLL2_N [4:0]
0067h
R137 (89h) PLL 10
0
0
0
0
0
0
0
0
PLL2_K [7:0]
001Ch
R138
(8Ah)
PLL 11
0
0
0
0
0
0
0
0
PLL2_K [7:0]
0071h
R139
(8Bh)
PLL 12
0
0
0
0
0
0
0
0
PLL2_K [7:0]
00C7h
R140
(8Ch)
PLL 13
0
0
0
0
0
0
0
0
0
PLL3_F
RAC
1
PLL3_N [4:0]
0067h
R141
(8Dh)
PLL 14
0
0
0
0
0
0
0
0
PLL3_K [7:0]
0048h
R142
(8Eh)
PLL 15
0
0
0
0
0
0
0
0
PLL3_K [7:0]
0022h
R143 (8Fh) PLL 16
0
0
0
0
0
0
0
0
PLL3_K [7:0]
0097h
R150 (96h) PLL DLL
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SEQ_E
NA
1
0003h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com