Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 207 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 207 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 203Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 204Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 205Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 206Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 207Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 208Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 209Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 210Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 211Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 295 page
background image
WM8962
Rev 4.3
207
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R586
(24Ah)
MICINT Source
Pol
MICSC
D_IRQ
_POL
MICD_I
RQ_PO
L
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0000h
R768
(300h)
DSP2 Power
Management
0
0
0
1
1
1
0
0
0
0
0
0
0
0
0
DSP2_
ENA
1C00h
R1037
(40Dh)
DSP2_ExecCon
trol
0
0
0
0
0
0
0
0
0
0
DSP2_
STOPC
DSP2_
STOPS
DSP2_
STOPI
DSP2_
STOP
DSP2_
RUNR
DSP2_
RUN
0000h
R4096
(1000h)
Write
Sequencer 0
0
0
WSEQ_ADDR0 [13:0]
001Ch
R4097
(1001h)
Write
Sequencer 1
0
0
0
0
0
0
0
0
WSEQ_DATA0 [7:0]
0003h
R4098
(1002h)
Write
Sequencer 2
0
0
0
0
0
WSEQ_DATA_WIDTH0
[2:0]
0
0
0
0
WSEQ_DATA_START0 [3:0]
0103h
R4099
(1003h)
Write
Sequencer 3
0
0
0
0
0
0
0
WSEQ
_EOS0
0
0
0
0
WSEQ_DELAY0 [3:0]
0000h
R4100
(1004h)
Write
Sequencer 4
0
0
WSEQ_ADDR1 [13:0]
0019h
R4101
(1005h)
Write
Sequencer 5
0
0
0
0
0
0
0
0
WSEQ_DATA1 [7:0]
0007h
R4102
(1006h)
Write
Sequencer 6
0
0
0
0
0
WSEQ_DATA_WIDTH1
[2:0]
0
0
0
0
WSEQ_DATA_START1 [3:0]
0206h
R4103
(1007h)
Write
Sequencer 7
0
0
0
0
0
0
0
WSEQ
_EOS1
0
0
0
0
WSEQ_DELAY1 [3:0]
0000h
R4104
(1008h)
Write
Sequencer 8
R4603
(11FBh)
Write
Sequencer 507
Register Addresses R4104 (1008h) to contain R4603 (11FBh) Write Sequencer Control Registers
R4604
(11FCh)
Write
Sequencer 508
0
0
WSEQ_ADDR127 [13:0]
0000h
R4605
(11FDh)
Write
Sequencer 509
0
0
0
0
0
0
0
0
WSEQ_DATA127 [7:0]
0000h
R4606
(11FEh)
Write
Sequencer 510
0
0
0
0
0
WSEQ_DATA_WIDTH12
7 [2:0]
0
0
0
0
WSEQ_DATA_START127 [3:0]
0000h
R4607
(11FFh)
Write
Sequencer 511
0
0
0
0
0
0
0
WSEQ
_EOS1
27
0
0
0
0
WSEQ_DELAY127 [3:0]
0000h
R16384
(4000h)
RETUNEADC_
SHARED_COE
FF_1
0
0
0
0
0
0
0
0
ADC_R
ETUNE
_SCV
RETUNEADC_SHARED_COEFF_22_16 [6:0]
0000h
R16385
(4001h)
RETUNEADC_
SHARED_COE
FF_0
RETUNEADC_SHARED_COEFF_15_00 [15:0]
0000h
R16386
(4002h)
RETUNEDAC_
SHARED_COE
FF_1
0
0
0
0
0
0
0
0
DAC_R
ETUNE
_SCV
RETUNEDAC_SHARED_COEFF_23_16 [6:0]
0000h
R16387
(4003h)
RETUNEDAC_
SHARED_COE
FF_0
RETUNEDAC_SHARED_COEFF_15_00 [15:0]
0000h
R16388
(4004h)
SOUNDSTAGE
_ENABLES_1
0
0
0
0
0
0
0
0
SOUNDSTAGE_ENABLES_23_16 [7:0]
0000h
R16389
(4005h)
SOUNDSTAGE
_ENABLES_0
SOUNDSTAGE_ENABLES_15_06 [9:0]
RTN_A
DC_EN
A
RTN_D
AC_EN
A
HDBAS
S_ENA
HPF2_
ENA
HPF1_
ENA
VSS_E
NA
0000h
R16896
(4200h)
HDBASS_AI_1
0002h
R16925
(421Dh)
HDBASS_PG_0
Register Addresses R16896 (4200h) to R16925 (421Dh) contain HD Bass Control Registers
999Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com