Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 205 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 205 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 201Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 202Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 203Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 204Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 205Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 206Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 207Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 208Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 209Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 295 page
background image
WM8962
Rev 4.3
205
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R280
(118h)
DRC 5
0
0
0
0
0
0
DRC_KNEE2_IP [4:0]
DRC_KNEE2_OP [4:0]
0000h
R285
(11Dh)
Tloopback
0
0
0
0
0
0
0
0
0
0
0
0
0
0
TLB_E
NA
TLB_M
ODE
0000h
R335
(14Fh)
EQ1
0
0
0
0
0
0
0
0
0
0
0
0
0
EQ_SH
ARED_
COEFF
EQ_SH
ARED_
COEFF
_SEL
EQ_EN
A
0004h
R336
(150h)
EQ2
EQL_B1_GAIN [4:0]
EQL_B2_GAIN [4:0]
EQL_B3_GAIN [4:0]
0
6318h
R337
(151h)
EQ3
EQL_B4_GAIN [4:0]
EQL_B5_GAIN [4:0]
0
0
0
0
0
0
6300h
R338
(152h)
EQ4
EQL_B1_A [15:0]
0FCAh
R339
(153h)
EQ5
EQL_B1_B [15:0]
0400h
R340
(154h)
EQ6
EQL_B1_PG [15:0]
00D8h
R341
(155h)
EQ7
EQL_B2_A [15:0]
1EB5h
R342
(156h)
EQ8
EQL_B2_B [15:0]
F145h
R343
(157h)
EQ9
EQL_B2_C [15:0]
0B75h
R344
(158h)
EQ10
EQL_B2_PG [15:0]
01C5h
R345
(159h)
EQ11
EQL_B3_A [15:0]
1C58h
R346
(15Ah)
EQ12
EQL_B3_B [15:0]
F373h
R347
(15Bh)
EQ13
EQL_B3_C [15:0]
0A54h
R348
(15Ch)
EQ14
EQL_B3_PG [15:0]
0558h
R349
(15Dh)
EQ15
EQL_B4_A [15:0]
168Eh
R350
(15Eh)
EQ16
EQL_B4_B [15:0]
F829h
R351
(15Fh)
EQ17
EQL_B4_C [15:0]
07ADh
R352
(160h)
EQ18
EQL_B4_PG [15:0]
1103h
R353
(161h)
EQ19
EQL_B5_A [15:0]
0564h
R354
(162h)
EQ20
EQL_B5_B [15:0]
0559h
R355
(163h)
EQ21
EQL_B5_PG [15:0]
4000h
R356
(164h)
EQ22
EQR_B1_GAIN [4:0]
EQR_B2_GAIN [4:0]
EQR_B3_GAIN [4:0]
0
6318h
R357
(165h)
EQ23
EQR_B4_GAIN [4:0]
EQR_B5_GAIN [4:0]
0
0
0
0
0
0
6300h
R358
(166h)
EQ24
EQR_B1_A [15:0]
0FCAh
R359
(167h)
EQ25
EQR_B1_B [15:0]
0400h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com