Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 209 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 209 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 205Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 206Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 207Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 208Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 209Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 210Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 211Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 212Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 213Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 295 page
background image
WM8962
Rev 4.3
209
REGISTER BITS BY ADDRESS
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (00h) Left
Input volume
8
IN_VU
0
Input PGA Volume and Mute Update
Writing a 1 to this bit will cause the INL and INR volume
and mute settings to be updated simultaneously
7
INPGAL_MUTE
1
Left input PGA Mute
0 = Unmuted
1 = Muted
6
INL_ZC
0
INL PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
5:0
INL_VOL [5:0]
01_1111
Left input PGA Volume
-23.25dB to +24.00dB in 0.75dB steps.
Register 00h Left Input volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
Right Input
volume
15:12
CUST_ID [3:0]
0000
Reading from this register will indicate the Customer ID.
11:9
CHIP_REV [2:0]
011
Reading from this register will indicate the Chip Revision ID.
000 = Rev A
001 = Rev B
010 = Rev C
011 = Rev D
8
IN_VU
0
Input PGA Volume and Mute Update
Writing a 1 to this bit will cause the INL and INR volume
and mute settings to be updated simultaneously
7
INPGAR_MUTE
1
Right input PGA Mute
0 = Unmuted
1 = Muted
6
INR_ZC
0
INR PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
5:0
INR_VOL [5:0]
01_1111
Right input PGA Volume
-23.25dB to +24.00dB in 0.75dB steps.
Register 01h Right Input volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
HPOUTL
volume
8
HPOUT_VU
0
Headphone Output PGA Volume and Mute Update.
Writing 1 to this bit will cause the HPOUTL and HPOUTR
volume and mute settings to be updated simultaneously.
7
HPOUTL_ZC
0
HPOUTL_VOL (Left Headphone Output PGA) Zero Cross
Enable
0 = Zero cross disabled
1 = Zero cross enabled
6:0
HPOUTL_VOL
[6:0]
000_0000
Left Headphone Output PGA Volume
000_0000 to 010_1111 = Mute
011_0000 to 011_0101 = -68dB
011_0110 = -67dB
…in 1dB steps
111_1001 = 0dB
…
111_1111 = +6dB
Register 02h HPOUTL volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com