Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 208 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 208 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 204Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 205Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 206Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 207Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 208Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 209Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 210Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 211Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 212Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 295 page
background image
WM8962
208
Rev 4.3
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R17408
(4400h)
HPF_C_1
0083h
R17409
(4401h)
HPF_C_0
Register Addresses R17408 (4400h) to R17409 (4401h) contain DAC High Pass Filter Control Registers
98ADh
R17920
(4600h)
ADCL_RETUNE
_C1_1
007Fh
R19007
(4A3Fh)
ADCR_RETUN
E_C32_0
Register Addresses R17920 (4600h) to R19007 (4A3Fh) contain ADC ReTune Control Registers
0000h
R19456
(4C00h)
DACL_RETUNE
_C1_1
007Fh
R20543
(503Fh)
DACR_RETUN
E_C32_0
Register Addresses R19456 (4C00h) to R20543 (503Fh) contain DAC ReTune Control Registers
0000h
R20992
(5200h)
VSS_XHD2_1
008Ch
R21139
(5293h)
VSS_XTS32_0
Register Addresses R20992 (5200h) to R21139 (5293h) contain VSS Control Registers
8580h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com