Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 211 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 211 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 207Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 208Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 209Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 210Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 211Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 212Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 213Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 214Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 215Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 295 page
background image
WM8962
Rev 4.3
211
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:1
SYSCLK_DIV
[1:0]
00
SYSCLK Divider
00 = MCLK
01 = MCLK / 2
10 = MCLK / 4
11 = Reserved
This field is for read-back only; it is set automatically and
cannot be adjusted.
Note that the division is applied to the selected MCLK
source, including FLL / PLL when applicable.
Protected by security key.
Register 04h Clocking1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
ADC & DAC
Control 1
6
ADCR_DAT_IN
V
0
Right ADC Invert
0 = Right ADC output not inverted
1 = Right ADC output inverted
5
ADCL_DAT_INV
0
Left ADC Invert
0 = Left ADC output not inverted
1 = Left ADC output inverted
4
DAC_MUTE_RA
MP
1
DAC Soft Mute Control
0 = Muting the DAC (DAC_MUTE = 1) will cause the
volume to change immediately to mute.
1 = Muting the DAC (DAC_MUTE = 1) will cause the
volume to ramp down gradually to mute.
3
DAC_MUTE
1
Digital DAC Mute
0 = Un-mute
1 = Mute
Note that this bit also exists in R49. Reading or writing to
either location has the same effect.
2:1
DAC_DEEMP
[1:0]
00
De-Emphasis Control
00 = No de-emphasis
01 = De-emphasis for 32kHz sample rate
10 = De-emphasis for 44.1kHz sample rate
11 = De-emphasis for 48kHz sample rate
0
ADC_HPF_DIS
0
ADC High-Pass Filter Disable
0 = Enable
1 = Disable
Register 05h ADC & DAC Control 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
ADC & DAC
Control 2
13:12
ADC_HPF_SR
[1:0]
10
ADC High-Pass Filter Sample rate
00 = 8k, 11.025k, 12k
01 = 16k, 22.025k, 24k
10 = 32k, 44.1, 48k
11 = 88.2k, 96k
This field is for read-back only; it is set automatically and
cannot be adjusted.
Protected by security key.
10
ADC_HPF_MO
DE
0
ADC High-Pass Filter Mode select
0 = Hi-Fi mode (1st order)
1 = Application mode (2nd order)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com