Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 210 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 210 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 206Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 207Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 208Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 209Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 210Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 211Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 212Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 213Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 214Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 295 page
background image
WM8962
210
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3 (03h)
HPOUTR
volume
8
HPOUT_VU
0
Headphone Output PGA Volume and Mute Update.
Writing 1 to this bit will cause the HPOUTL and HPOUTR
volume and mute settings to be updated simultaneously.
7
HPOUTR_ZC
0
HPOUTR_VOL (Right Headphone Output PGA) Zero Cross
Enable
0 = Zero cross disabled
1 = Zero cross enabled
6:0
HPOUTR_VOL
[6:0]
000_0000
Right Headphone Output PGA Volume
000_0000 to 010_1111 = Mute
011_0000 to 011_0101 = -68dB
011_0110 = -67dB
…in 1dB steps
111_1001 = 0dB
…
111_1111 = +6dB
Register 03h HPOUTR volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (04h)
Clocking1
10:9
DSPCLK_DIV
[1:0]
00
DSP Clock Divider
00 = MCLK
01 = MCLK / 2
10 = MCLK / 4
11 = Reserved
This field is for read-back only; it is set automatically and
cannot be adjusted.
Protected by security key.
8:6
ADCSYS_CLK_
DIV [2:0]
000
ADC Sample Rate Divider
000 = SYSCLK
001 = Reserved
010 = SYSCLK / 2
011 = SYSCLK / 3
100 = SYSCLK / 4
101 = Reserved
110 = SYSCLK / 6
111= Reserved
This field is for read-back only; it is set automatically and
cannot be adjusted.
Protected by security key.
5:3
DACSYS_CLK_
DIV [2:0]
100
DAC Sample Rate Divider
000 = SYSCLK
001 = Reserved
010 = SYSCLK / 2
011 = SYSCLK / 3
100 = SYSCLK / 4
101 = Reserved
110 = SYSCLK / 6
111= Reserved
This field is for read-back only; it is set automatically and
cannot be adjusted.
Protected by security key.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com