Electronic Components Datasheet Search
  English  ▼

X  

WM8962B Datasheet(PDF) 206 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 206 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 202Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 203Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 204Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 205Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 206Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 207Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 208Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 209Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 210Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 295 page
background image
WM8962
206
Rev 4.3
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R360
(168h)
EQ26
EQR_B1_PG [15:0]
00D8h
R361
(169h)
EQ27
EQR_B2_A [15:0]
1EB5h
R362
(16Ah)
EQ28
EQR_B2_B [15:0]
F145h
R363
(16Bh)
EQ29
EQR_B2_C [15:0]
0B75h
R364
(16Ch)
EQ30
EQR_B2_PG [15:0]
01C5h
R365
(16Dh)
EQ31
EQR_B3_A [15:0]
1C58h
R366
(16Eh)
EQ32
EQR_B3_B [15:0]
F373h
R367
(16Fh)
EQ33
EQR_B3_C [15:0]
0A54h
R368
(170h)
EQ34
EQR_B3_PG [15:0]
0558h
R369
(171h)
EQ35
EQR_B4_A [15:0]
168Eh
R370
(172h)
EQ36
EQR_B4_B [15:0]
F829h
R371
(173h)
EQ37
EQR_B4_C [15:0]
07ADh
R372
(174h)
EQ38
EQR_B4_PG [15:0]
1103h
R373
(175h)
EQ39
EQR_B5_A [15:0]
0564h
R374
(176h)
EQ40
EQR_B5_B [15:0]
0559h
R375
(177h)
EQ41
EQR_B5_PG [15:0]
4000h
R513
(201h)
GPIO 2
0
0
0
0
0
GP2_P
OL
0
0
0
GP2_L
VL
0
GP2_FN [4:0]
0000h
R514
(202h)
GPIO 3
0
0
0
0
0
GP3_P
OL
0
0
0
GP3_L
VL
0
GP3_FN [4:0]
0000h
R516
(204h)
GPIO 5
GP5_D
IR
GP5_P
U
GP5_P
D
0
0
GP5_P
OL
GP5_O
P_CFG
GP5_D
B
0
GP5_L
VL
0
GP5_FN [4:0]
8100h
R517
(205h)
GPIO 6
GP6_D
IR
GP6_P
U
GP6_P
D
0
0
GP6_P
OL
GP6_O
P_CFG
GP6_D
B
0
GP6_L
VL
0
GP6_FN [4:0]
8100h
R560
(230h)
Interrupt Status
1
0
0
0
0
0
0
0
0
0
0
GP6_EI
NT
GP5_EI
NT
0
0
0
0
0000h
R561
(231h)
Interrupt Status
2
MICSC
D_EIN
T
MICD_
EINT
FIFOS_
ERR_E
INT
ALC_L
OCK_E
INT
ALC_T
HRESH
_EINT
ALC_S
AT_EIN
T
ALC_P
KOVR_
EINT
ALC_N
GATE_
EINT
WSEQ
_DONE
_EINT
DRC_A
CTDET
_EINT
FLL_L
OCK_E
INT
0
PLL3_L
OCK_E
INT
PLL2_L
OCK_E
INT
0
TEMP_
SHUT_
EINT
0000h
R568
(238h)
Interrupt Status
1 Mask
0
0
0
0
0
0
0
0
0
0
IM_GP
6_EINT
IM_GP
5_EINT
0
0
0
0
0030h
R569
(239h)
Interrupt Status
2 Mask
IM_MIC
SCD_E
INT
IM_MIC
D_EIN
T
IM_FIF
OS_ER
R_EIN
T
IM_AL
C_LOC
K_EINT
IM_AL
C_THR
ESH_E
INT
IM_AL
C_SAT
_EINT
IM_AL
C_PKO
VR_EI
NT
IM_AL
C_NGA
TE_EIN
T
IM_WS
EQ_DO
NE_EI
NT
IM_DR
C_ACT
DET_EI
NT
IM_FLL
_LOCK
_EINT
1
IM_PLL
3_LOC
K_EINT
IM_PLL
2_LOC
K_EINT
1
IM_TE
MP_SH
UT_EI
NT
FFFFh
R576
(240h)
Interrupt Control
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
IRQ_P
OL
0000h
R584
(248h)
IRQ Debounce
0
0
0
0
0
0
0
0
0
0
FLL_L
OCK_D
B
1
PLL3_L
OCK_D
B
PLL2_L
OCK_D
B
1
TEMP_
SHUT_
DB
003Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com