Electronic Components Datasheet Search
  English  ▼

X  

SA8028 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA8028
Description  2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8028 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA8028 Datasheet HTML 1Page - NXP Semiconductors SA8028 Datasheet HTML 2Page - NXP Semiconductors SA8028 Datasheet HTML 3Page - NXP Semiconductors SA8028 Datasheet HTML 4Page - NXP Semiconductors SA8028 Datasheet HTML 5Page - NXP Semiconductors SA8028 Datasheet HTML 6Page - NXP Semiconductors SA8028 Datasheet HTML 7Page - NXP Semiconductors SA8028 Datasheet HTML 8Page - NXP Semiconductors SA8028 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Philips Semiconductors
Product data
SA8028
2.5 GHz sigma delta fractional-N /
760 MHz IF integer frequency synthesizers
2002 Feb 22
5
LIMITING VALUES
In accordance with the Absolute Maximum Rating System
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
Digital supply voltage
–0.3
+3.6
V
VDDCP
Charge pump supply voltage
–0.3
+3.6
V
VDDpre
Analog supply voltage
–0.3
+3.6
V
∆VDD
Difference in supply voltages
VDDCP – VDDpre (VDDCP ≥ VDDpre, VDD)
–0.3
+0.9
V
Vn
All input pins
–0.3
VDD + 0.3
V
∆VGND
Difference in voltage between GNDpre, GNDCP and GND (these pins
should be connected together)
–0.3
+0.3
V
Tstg
Storage temperature
–55
+125
°C
Tamb
Operating ambient temperature
–40
+85
°C
Tj
Maximum junction temperature
150
°C
Handling
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take normal
precautions appropriate to handling MOS devices.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j–a
HBCC24: Thermal resistance from junction to ambient in still air
30
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com