Electronic Components Datasheet Search
  English  ▼

X  

SA8028 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SA8028
Description  2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8028 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SA8028 Datasheet HTML 13Page - NXP Semiconductors SA8028 Datasheet HTML 14Page - NXP Semiconductors SA8028 Datasheet HTML 15Page - NXP Semiconductors SA8028 Datasheet HTML 16Page - NXP Semiconductors SA8028 Datasheet HTML 17Page - NXP Semiconductors SA8028 Datasheet HTML 18Page - NXP Semiconductors SA8028 Datasheet HTML 19Page - NXP Semiconductors SA8028 Datasheet HTML 20Page - NXP Semiconductors SA8028 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Philips Semiconductors
Product data
SA8028
2.5 GHz sigma delta fractional-N /
760 MHz IF integer frequency synthesizers
2002 Feb 22
17
2.4.3
Programming the IF Reference Divider <B21:B12>
The IF phase detector’s reference input is an integer multiple of the frequency at the input of the REFin pin. The reference divider has 10
programmable bits, <B21:B12> for allowable divide ratios, R, from 4 to 1023 when the 3 bit binary SA counter (refer to section 2.5.1) is set to all
zeros. Table 10 lists the allowable R values.
Table 10. R Values for the IF Reference Divider
<B21>
<B20>
<B19>
<B18>
<B17>
<B16>
<B15>
<B14>
<B13>
<B12>
R
0
0
0
0
0
0
0
1
0
0
4
0
0
0
0
0
0
0
1
0
1
5
0
0
0
0
0
0
0
1
1
0
6
—
—
—
—
—
—
—
—
—
—
…
1
1
1
1
1
1
1
1
1
0
1022
1
1
1
1
1
1
1
1
1
1
1023
2.5
C-word Register
Table 11. C-word, length 24 bits
Last IN
<21>
<20>
<19>
<18>
<17>
<16>
<15>
<14>
<13>
<12>
<11>
<10>
<9>
<8>
<7>
<6>
<5>
<4>
<3>
<2>
<1>
<0>
Address
IF Divider An
CP
Lock detect
Reset
bit
SA
1
0
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
CP1
CP0
L1
L0
Tsigrst
SA2
SA1
SA0
Default:
0
0
0
0
0
1
1
1
0
0
1
0
1
0
1
1
0
0
0
0
0
0
C-word address
Fixed to 10
A-Divider
A0..A13, IF divider values , see section “characteristics for allowed for divider ratios.
Charge pump current
Ratio
CP1, CP0: Charge pump current ratio, see table of charge pump currents.
Lock detect
See Table 13.
Reset bit
1
→ Tsigrst : resets the sigma-delta modulator after each loading of an A-word.
( It is held in the reset state between the first and second falling edge of the RF divider output pulse
after STROBE has gone high at the end of the A-word. )
IF comparison select
SA Comparison divider select for IF phase detector
2.5.1
Programming the SA Counter <C2:C0>
The 3 bit SA register determines which of the 5 divider outputs (refer to table 11) is selected as the IF phase detector’s input (see Figure 5).
Table 12. IF phase comparator frequency
<C2>
<C1>
<C0>
Divide Ratio
IF Phase Comparator Frequency
0
0
0
R
fref 1 / R
0
0
1
R * 2
fref / (R * 2)
0
1
0
R * 4
fref / (R * 4)
0
1
1
R * 8
fref / (R * 8)
1
0
0
R * 16
fref / (R * 16)
NOTES:
1. fref is the input frequency at the REFin pin.
2.5.2
Programming the Reset Bits <B11>, <C3>
The reset bits offer extra flexibility. The default value for bits <B11>, <C3> are all zeros. Bit <B11> disables the IF reference divider and allows
for extra savings of approximately 200
µA when set to ‘1’. However, this bit must initially be set to ‘0’ during any power-up sequence. The RF
phase detector is activated after a delay of four edges of the reference divider output clock. Bit <C3> resets the sigma-delta modulator after
each loading of an A-word. It is held in the reset state between the first and second falling edge of the RF divider output pulse after STROBE
has gone high at the end of the A-word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com