Electronic Components Datasheet Search
  English  ▼

X  

SA8028 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SA8028
Description  2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8028 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SA8028 Datasheet HTML 19Page - NXP Semiconductors SA8028 Datasheet HTML 20Page - NXP Semiconductors SA8028 Datasheet HTML 21Page - NXP Semiconductors SA8028 Datasheet HTML 22Page - NXP Semiconductors SA8028 Datasheet HTML 23Page - NXP Semiconductors SA8028 Datasheet HTML 24Page - NXP Semiconductors SA8028 Datasheet HTML 25Page - NXP Semiconductors SA8028 Datasheet HTML 26Page - NXP Semiconductors SA8028 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Philips Semiconductors
Product data
SA8028
2.5 GHz sigma delta fractional-N /
760 MHz IF integer frequency synthesizers
2002 Feb 22
23
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
0
2.7V
3.0V
3.6V
SR02404
–9
–6
–3
INPUT FREQUENCY (MHz)
Figure 27.
RF (main) divider input sensitivity vs. frequency
and supply voltage (Temp = 25
°C, Iset = 164 µA, N = 509)
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
0
–40C
25C
85C
–9
–6
–3
SR02405
INPUT FREQUENCY (MHz)
Figure 28.
RF (main) divider input sensitivity vs. frequency
and temperature (VCC = 3.0 V, Iset = 164 µA, N = 509)
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
0
2.7V
3.0V
3.6V
–9
–6
–3
SR02406
INPUT FREQUENCY (MHz)
Figure 29.
RF (main) fractional divider input sensitivity vs.
frequency and supply voltage (Temp = 25
°C, Iset = 164 µA,
N = 509.5)
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
0
–40C
25C
85C
SR02407
–9
–6
–3
INPUT FREQUENCY (MHz)
Figure 30.
RF (main) fractional divider input sensitivity
vs. frequency and temperature (VCC = 3.0 V, Iset = 164 µA,
N = 509.5)
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
0
2.7V
3.0V
3.6V
SR02408
–9
–6
–3
INPUT FREQUENCY (MHz)
Figure 31.
IF (aux) divider input sensitivity vs. frequency and
supply voltage (Temp = 25
°C, Iset = 164 µA,
divider ratio = 16383)
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
0
–40C
25C
85C
SR02409
–9
–6
–3
INPUT FREQUENCY (MHz)
Figure 32.
IF (aux) divider input sensitivity vs. frequency and
temperature (VCC = 3.0 V, Iset = 164 µA, divider ratio = 16383)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com