Electronic Components Datasheet Search
  English  ▼

X  

SA8028 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA8028
Description  2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8028 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA8028 Datasheet HTML 3Page - NXP Semiconductors SA8028 Datasheet HTML 4Page - NXP Semiconductors SA8028 Datasheet HTML 5Page - NXP Semiconductors SA8028 Datasheet HTML 6Page - NXP Semiconductors SA8028 Datasheet HTML 7Page - NXP Semiconductors SA8028 Datasheet HTML 8Page - NXP Semiconductors SA8028 Datasheet HTML 9Page - NXP Semiconductors SA8028 Datasheet HTML 10Page - NXP Semiconductors SA8028 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Philips Semiconductors
Product data
SA8028
2.5 GHz sigma delta fractional-N /
760 MHz IF integer frequency synthesizers
2002 Feb 22
7
SYMBOL
UNIT
MAX.
TYP.
MIN.
CONDITIONS
PARAMETER
Phase noise (condition RSET = 7.5 kΩ, CP = 00, non speed-up mode)
L(f)
Synthesizer’s contribution to close-in phase
noise of 900 MHz RF signal at 5 kHz offset.
fREF = 13 MHz, TCXO,
fCOMP = 13 MHz
indicative, not tested
–
–99
–
dBc/Hz
Synthesizer’s contribution to close-in phase
noise of 1800 MHz RF signal at 5 kHz offset.
As above
–
–93
–
dBc/Hz
Synthesizer’s contribution to close-in phase
noise of 800 MHz RF signal at 5 kHz offset.
fREF = 19.44/19.68 MHz, TCXO,
fCOMP = 19.44/19.68 MHz
indicative, not tested
–
–101
–
dBc/Hz
Synthesizer’s contribution to close-in phase
noise of 2100 MHz RF signal at 5 kHz offset.
As above
–
–93
–
dBc/Hz
Interface logic input signal levels
VIH
HIGH level input voltage
0.7*VDD
–
VDD+0.3
V
VIL
LOW level input voltage
–0.3
–
0.3*VDD
V
ILEAK
Input leakage current
VDD = 3 V, VIH = 3 V,
VIL = 0 V
–0.5
–
+0.5
µA
Lock detect output signal (in push/pull mode) and Data output signal (in readout test mode)
VOL
LOW level output voltage
Isink = 2 mA
–
–
0.4
V
VOH
HIGH level output voltage
Isource = –2 mA
VDD–0.4
–
–
V
NOTES:
1.
SET
V
SET
R
ISET =
bias current for charge pumps.
2. The relative output current variation is defined as:
;
|
|
)
(
2
1
2
1
2
I
I
I
I
I
ZOUT
+
–
=
∆I
ZOUT
×
With I1 @ V1 = 0.6 V, I2 @V2 = VDDCP – 0.7 V (see Figure 3).
I2
I1
I2
I1
V1
V2
CURRENT
VPH
SR00602
IZOUT
VOLTAGE
Figure 3.
Relative output current variation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com