Electronic Components Datasheet Search
  English  ▼

X  

SA8028 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SA8028
Description  2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8028 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SA8028 Datasheet HTML 14Page - NXP Semiconductors SA8028 Datasheet HTML 15Page - NXP Semiconductors SA8028 Datasheet HTML 16Page - NXP Semiconductors SA8028 Datasheet HTML 17Page - NXP Semiconductors SA8028 Datasheet HTML 18Page - NXP Semiconductors SA8028 Datasheet HTML 19Page - NXP Semiconductors SA8028 Datasheet HTML 20Page - NXP Semiconductors SA8028 Datasheet HTML 21Page - NXP Semiconductors SA8028 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Philips Semiconductors
Product data
SA8028
2.5 GHz sigma delta fractional-N /
760 MHz IF integer frequency synthesizers
2002 Feb 22
18
2.5.3
Programming the Lock Detect <C4:C5>
Lock detection is available only for the RF and IF phase detector. A ‘0’ in bit <C4:C5> is used for TTL, while a ‘1’ in bit <C4:C5> is used for RTL.
Table 13. Lock detect select
L1
L0
Select
0
0
RF/IF (push/pull)1
0
1
RF/IF (open drain)
1
0
RF (push/pull)
1
1
IF (push/pull)
NOTE:
1. Combined RF_IF lock detect signal present at the lock pin (push/pull).
2.5.4
Programming the Charge Pump Gain <C7:C6>
The RF phase detector drives the charge pumps on the PHP and PHI pins, while the IF phase detector drives the charge pump on the PHA pin.
The current generated at the RSET pin determines both the RF and IF charge pump current values in conjunction with the current gain
programmed by the CP0, CP1 bits in the C–word, as seen in Table 1. For more information on charge pump speed-up mode, refer to section
1.6.
2.5.5
Programming the IF Divider for the IF Loop <C21:C8>
The divider is a fully programmable counter. The allowable divide ratios, A, are from 128 to 16383, bits <C21:C8>. Table 14 shows all the
possible values that can be programmed into the C-word for the IF divider.
Table 14. Allowable Values (A) for the IF Divider
C21
C20
C19
C18
C17
C16
C15
C14
C13
C12
C11
C10
C9
C8
A
0
0
0
0
0
0
1
0
0
0
0
0
0
0
128
0
0
0
0
0
0
1
0
0
0
0
0
0
1
129
0
0
0
0
0
0
1
0
0
0
0
0
1
0
130
—
—
—
—
—
—
—
—
—
—
—
—
—
—
…
1
1
1
1
1
1
1
1
1
1
1
1
1
0
16382
1
1
1
1
1
1
1
1
1
1
1
1
1
1
16383
2.6
D-word Register
The D-word is for test purposes only. All bits in this test word should be initialized to 0 for normal operation. When initially applying or
re-applying power to the chip, an internal power-up reset pulse if generated which sets the programming-words to their default values and which
resets the sigma-delta modulator to its “all-0” state. It is also recommended that the D-word be manually reset to all zeros, following initial
power-up, to avoid unknown states.
Table 15. D-word, length 24 bits
Last IN
<21>
<20>
<19>
<18>
<17>
<16>
<15>
<14>
<13>
<12>
<11>
<10>
<9>
<8>
<7>
<6>
<5>
<4>
<3>
<2>
<1>
<0>
Address
Synthesizer Test bits
1
1
0
–
–
–
–
Tdis-spu
Tspu
–
–
–
TreadN
–
–
–
–
–
–
–
–
–
–
–
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
D word address
Fixed to 110.
Tdis-spu
Speed-up mode disabled.
NOTE: All other test bits must be set to 0 for normal operation.
Tspu: Speed up
Speed-up mode always on.
NOTE: All other test bits must be set to 0 for normal operation.
TreadN
Used to “request to read” bit settings from bits <B21:12>. For more information on reading out the N value,
refer to Section 2.0, Serial Programming Bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com