Electronic Components Datasheet Search
  English  ▼

X  

SA8028 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SA8028
Description  2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8028 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SA8028 Datasheet HTML 18Page - NXP Semiconductors SA8028 Datasheet HTML 19Page - NXP Semiconductors SA8028 Datasheet HTML 20Page - NXP Semiconductors SA8028 Datasheet HTML 21Page - NXP Semiconductors SA8028 Datasheet HTML 22Page - NXP Semiconductors SA8028 Datasheet HTML 23Page - NXP Semiconductors SA8028 Datasheet HTML 24Page - NXP Semiconductors SA8028 Datasheet HTML 25Page - NXP Semiconductors SA8028 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Philips Semiconductors
Product data
SA8028
2.5 GHz sigma delta fractional-N /
760 MHz IF integer frequency synthesizers
2002 Feb 22
22
–150
–100
–50
0
50
100
150
Icp
(
µA)
COMPLIANCE VOLTAGE (V)
SR02400
Iset = 204
µA
Iset = 204
µA
Iset = 163
µA
Iset = 163
µA
Iset = 81
µA
Iset = 81
µA
Figure 23.
PHA charge pump output vs. Iset
(CP = 11_0.5x, VDD = 3.0 V, Temp = 25 °C)
–100
–80
–40
–20
0
20
40
–60
60
80
100
Icp
(
µA)
COMPLIANCE VOLTAGE (V)
SR02401
–40C
+25C
+85C
Figure 24.
PHA charge pump output vs. temperature
(CP = 11_0.5x, VDD = 3.0 V, Iset = 163 µA)
Icp
(
µA)
COMPLIANCE VOLTAGE (V)
SR02402
400
300
200
100
0
–100
–200
–300
–400
Iset = 81
µA
Iset = 163
µA
Iset = 204
µA
Iset = 81
µA
Iset = 163
µA
Iset = 204
µA
Figure 25.
PHA charge pump output vs. Iset
(CP = 10_1.5x, VDD = 3.0 V, Temp = 25 °C)
300
200
100
0
–100
–200
–300
COMPLIANCE VOLTAGE (V)
SR02403
Icp
(
µA)
–40C
+25C
+85C
Figure 26.
PHA charge pump output vs. temperature
(CP = 10_1.5x, VDD = 3.0 V, Iset = 163 µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com