Electronic Components Datasheet Search
  English  ▼

X  

LM80 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM80 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM80_13 Datasheet HTML 17Page - Texas Instruments LM80_13 Datasheet HTML 18Page - Texas Instruments LM80_13 Datasheet HTML 19Page - Texas Instruments LM80_13 Datasheet HTML 20Page - Texas Instruments LM80_13 Datasheet HTML 21Page - Texas Instruments LM80_13 Datasheet HTML 22Page - Texas Instruments LM80_13 Datasheet HTML 23Page - Texas Instruments LM80_13 Datasheet HTML 24Page - Texas Instruments LM80_13 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
LM80
www.ti.com
SNIS102F – JUNE 1999 – REVISED MARCH 2013
THE LM80 INTERRUPT STRUCTURE
Figure 12. Interrupt Structure
Figure 12 depicts the Interrupt Structure of the LM80. The LM80 can generate Interrupts as a result of each of its
internal WATCHDOG registers on the analog, temperature, and fan inputs.
Interrupt Inputs
External Interrupts can come from the following sources. While the label suggests a specific type or source of
Interrupt, this label is not a restriction of its usage, and it could come from any desired source:
•
BTI -
This is an active low Interrupt intended to come from the O.S. output of LM75 temperature sensors.
The LM75 O.S. output goes active when its temperature exceeds a programmed threshold. Up to 8 LM75's
can be connected to a single Serial Bus bus with their O.S. output's wire or'd to the BTI input of the LM80. If
the temperature of any LM75 exceeds its programmed limit, it drives BTI low. This generates an Interrupt to
notify the host of a possible overtemperature condition. Provides an internal pull-up of 10 k
Ω.
•
CI (Chassis Intrusion) -
This is an active high interrupt from any type of device that detects and captures
chassis intrusion violations. This could be accomplished mechanically, optically, or electrically, and circuitry
external to the LM80 is expected to latch the event. The design of the LM80 allows this input to go high even
with no power applied to the LM80, and no clamping or other interference with the line will occur. This line
can also be pulled low for at least 10 ms by the LM80 to reset a typical Chassis Intrusion circuit. Accomplish
this reset by setting Bit 5 of Configuration Register high. The bit in the Register is self-clearing.
•
INT_IN -
This active low Interrupt merely provides a way to chain the INT (Interrupt) from other devices
through the LM80 to the processor.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com