Electronic Components Datasheet Search
  English  ▼

X  

LM80 Datasheet(PDF) 28 Page - Texas Instruments

Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM80 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM80_13 Datasheet HTML 24Page - Texas Instruments LM80_13 Datasheet HTML 25Page - Texas Instruments LM80_13 Datasheet HTML 26Page - Texas Instruments LM80_13 Datasheet HTML 27Page - Texas Instruments LM80_13 Datasheet HTML 28Page - Texas Instruments LM80_13 Datasheet HTML 29Page - Texas Instruments LM80_13 Datasheet HTML 30Page - Texas Instruments LM80_13 Datasheet HTML 31Page - Texas Instruments LM80_13 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
LM80
SNIS102F – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Address A7–A0
Description
39h
Hot Temperature Hysteresis Limit (Low)
3Ah
OS Temperature Limit (High)
3Bh
OS Temperature Hysteresis Limit (Low)
3Ch
FAN1 Fan Count Limit
Note: It is the number of counts of the internal clock for the Low Limit of the fan speed.
3Dh
FAN2 Fan Count Limit
Note: It is the number of counts of the internal clock for the Low Limit of the fan speed.
3Eh-3Fh
Reserved
NOTE
Setting all ones to the high limits for voltages and fans (0111 1111 binary for temperature)
means interrupts will never be generated except the case when voltages go below the low
limits.
For voltage input high limits, the device is doing a greater than comparison. For low limits,
however, it is doing a less than or equal to comparison.
Typical Application
Figure 13. Typical Application Diagram
In
this
PC
application
the
LM80
monitors
temperature,
fan
speed
for
2
fans,
and
7
power
supply voltages. It also monitors an optical chassis intrusion detector.
28
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com