Electronic Components Datasheet Search
  English  ▼

X  

LM80 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM80 Datasheet(HTML) 4 Page - Texas Instruments

  LM80_13 Datasheet HTML 1Page - Texas Instruments LM80_13 Datasheet HTML 2Page - Texas Instruments LM80_13 Datasheet HTML 3Page - Texas Instruments LM80_13 Datasheet HTML 4Page - Texas Instruments LM80_13 Datasheet HTML 5Page - Texas Instruments LM80_13 Datasheet HTML 6Page - Texas Instruments LM80_13 Datasheet HTML 7Page - Texas Instruments LM80_13 Datasheet HTML 8Page - Texas Instruments LM80_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
LM80
SNIS102F – JUNE 1999 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTIONS
Pin
Pin
Number
Type
Description
Name(s)
Number
of Pins
INT_IN
1
1
Digital Input
This is an active low input that propagates the INT_IN signal to the INT
output of the LM80 via Interrupt Mask Register 1 Bit 7 and INT enable Bit
1 of the Configuration Register.
SDA
2
1
Digital I/O
Serial Bus bidirectional Data. Open-drain output.
SCL
3
1
Digital Input
Serial Bus Clock.
FAN1-FAN2
4-5
2
Digital Inputs
0 to V+ fan tachometer inputs.
BTI
6
1
Digital Input
Board Temperature Interrupt driven by O.S. outputs of additional
temperature sensors such as LM75. Provides internal pull-up of 10 k
Ω.
CI (Chassis
7
1
Digital I/O
An active high input from an external circuit which latches a Chassis
Intrusion)
Intrusion event. This line can go high without any clamping action
regardless of the powered state of the LM80. The LM80 provides an
internal open drain on this line, controlled by Bit 5 of the Configuration
Register, to provide a minimum 10 ms reset of this line.
GND
8
1
GROUND
Internally connected to all of the digital circuitry.
V+ (+2.8V to
9
1
POWER
+3.3V or +5V V+ power. Bypass with the parallel combination of 10
μF
+5.75V)
(electrolytic or tantalum) and 0.1
μF (ceramic) bypass capacitors.
INT
10
1
Digital Output
Non-Maskable Interrupt (open source)/Interrupt Request (open drain).
The mode is selected with Bit 5 of the Configuration Register and the
output is enabled when Bit 1 of the Configuration Register is set to 1.
The default state is disabled.
GPO (Power Switch
11
1
Digital Output
An active low open drain output intended to drive an external P-channel
Bypass)
power MOSFET for software power control.
NTEST_IN/
12
1
Digital Input
An active-low input that enables NAND Tree board-level connectivity
RESET_IN
testing. Refer to NAND TREE TESTS on NAND Tree testing. Whenever
NAND Tree connectivity is enabled the LM80 is also reset to its power on
state.
RST_OUT/OS
13
1
Digital Output
Master Reset, 5 mA driver (open drain), active low output with a 10 ms
minimum pulse width. Available when enabled via Bit 4 in Configuration
Register and Bit 7 of the Fan Divisor/RST_OUT/OS Register. Bit 6 of the
Fan Divisor/RST_OUT/OS Register enables this output as an active low
Overtemperature Shutdown (OS).
GNDA
14
1
GROUND
Internally connected to all analog circuitry. The ground reference for all
analog inputs. This pin needs to be taken to a low noise analog ground
plane for optimum performance.
IN6-IN0
15-21
7
Analog Inputs
0V to 2.56V full scale range Analog Inputs.
A0/NTEST_OUT
22
1
Digital I/O
The lowest order bit of the Serial Bus Address. This pin functions as an
output when doing a NAND Tree test.
A1-A2
23-24
2
Digital Inputs
The two highest order bits of the Serial Bus Address.
TOTAL PINS
24
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com