Electronic Components Datasheet Search
  English  ▼

X  

LM80 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM80 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM80_13 Datasheet HTML 8Page - Texas Instruments LM80_13 Datasheet HTML 9Page - Texas Instruments LM80_13 Datasheet HTML 10Page - Texas Instruments LM80_13 Datasheet HTML 11Page - Texas Instruments LM80_13 Datasheet HTML 12Page - Texas Instruments LM80_13 Datasheet HTML 13Page - Texas Instruments LM80_13 Datasheet HTML 14Page - Texas Instruments LM80_13 Datasheet HTML 15Page - Texas Instruments LM80_13 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
LM80
SNIS102F – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Internal Registers of the LM80
Table 1. The internal registers and their corresponding internal LM80 address is as follows:
Register
LM80 Internal Hex
Power on Value
Notes
Address (This is the data
to be written to the
Address Register)
Configuration Register
00h
0000 1000
Interrupt Status Register 1
01h
0000 0000
Interrupt Status Register 2
02h
0000 0000
Interrupt Mask Register 1
03h
0000 0000
Interrupt Mask Register 2
04h
0000 0000
Fan Divisor/RST_OUT/OS
05h
0001 0100
FAN1 and FAN2 divisor = 2 (count of 153 = 4400 RPM)
Register
OS/ Configuration and
06h
0000 0001
Temperature Resolution
Register
Value RAM
20h-3Fh
Serial Bus Interface
Serial Bus Timing
Figure 5. Serial Bus Write to the Internal Address Register followed by the Data Byte
Figure 6. Serial Bus Write to the Internal Address Register Only
12
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com