Electronic Components Datasheet Search
  English  ▼

X  

LM80 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM80 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM80_13 Datasheet HTML 9Page - Texas Instruments LM80_13 Datasheet HTML 10Page - Texas Instruments LM80_13 Datasheet HTML 11Page - Texas Instruments LM80_13 Datasheet HTML 12Page - Texas Instruments LM80_13 Datasheet HTML 13Page - Texas Instruments LM80_13 Datasheet HTML 14Page - Texas Instruments LM80_13 Datasheet HTML 15Page - Texas Instruments LM80_13 Datasheet HTML 16Page - Texas Instruments LM80_13 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
LM80
www.ti.com
SNIS102F – JUNE 1999 – REVISED MARCH 2013
Figure 7. Serial Bus Read from a Register with the Internal Address Register Preset to Desired Location
The Serial Bus control lines consists of the SDA (serial data), SCL (serial clock) and A0-A1 (address) pins. The
LM80 can only operate as a slave. The SCL line only controls the serial interface, all other clock functions within
LM80 such as the ADC and fan counters are done with a separate asynchronous internal clock.
When using the Serial Bus Interface a write will always consist of the LM80 Serial Bus Interface Address byte,
followed by the Internal Address Register byte, then the data byte. There are two cases for a read:
1. If the Internal Address Register is known to be at the desired Address, simply read the LM80 with the Serial
Bus Interface Address byte, followed by the data byte read from the LM80.
2. If the Internal Address Register value is unknown, write to the LM80 with the Serial Bus Interface Address
byte, followed by the Internal Address Register byte. Then restart the Serial Communication with a Read
consisting of the Serial Bus Interface Address byte, followed by the data byte read from the LM80.
The default power on Serial Bus address for the LM80 is: 0101(A2)(A1)(A0) binary, where A0-A2 reflect the state
of the pins defined by the same names.
All of these communications are depicted in the Serial Bus Interface Timing Diagrams as shown in Serial Bus
Timing.
USING THE LM80
Power On
When power is first applied, the LM80 performs a “power on reset” on several of its registers. The power on
condition of registers is shown in Table 1. Registers whose power on values are not shown have power on
conditions that are indeterminate (this includes the value RAM and WATCHDOG limits). The ADC is inactive. In
most applications, usually the first action after power on would be to write WATCHDOG limits into the Value
RAM.
Resets
Configuration Register INITIALIZATION accomplishes the same function as power on reset. The Value RAM
conversion results, and Value RAM WATCHDOG limits are not Reset and will be indeterminate immediately after
power on. If the Value RAM contains valid conversion results and/or Value RAM WATCHDOG limits have been
previously set, they will not be affected by a Configuration Register INITIALIZATION. Power on reset, or
Configuration Register INITIALIZATION, clear or initialize the following registers (the initialized values are shown
in Table 1):
•
Configuration Register
•
Interrupt Status Register 1
•
Interrupt Status Register 2
•
Interrupt Mask Register 1
•
Interrupt Mask Register 2
•
Fan Divisor/RST_OUT/OS Register
•
OS Configuration/Temperature Resolution Register
•
Value Ram (Registers at Address 20h - 3Fh, which include: Temperature reading, IN0-IN6 readings, FAN1
and FAN2 readings, and WATCHDOG limits)
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com