Electronic Components Datasheet Search
  English  ▼

X  

LM80 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM80 Datasheet(HTML) 1 Page - Texas Instruments

  LM80_13 Datasheet HTML 1Page - Texas Instruments LM80_13 Datasheet HTML 2Page - Texas Instruments LM80_13 Datasheet HTML 3Page - Texas Instruments LM80_13 Datasheet HTML 4Page - Texas Instruments LM80_13 Datasheet HTML 5Page - Texas Instruments LM80_13 Datasheet HTML 6Page - Texas Instruments LM80_13 Datasheet HTML 7Page - Texas Instruments LM80_13 Datasheet HTML 8Page - Texas Instruments LM80_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
LM80
www.ti.com
SNIS102F – JUNE 1999 – REVISED MARCH 2013
LM80 Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
Check for Samples: LM80
1
FEATURES
KEY SPECIFICATIONS
2
•
Temperature Sensing
•
Voltage Monitoring Error ±1% (Max)
•
7 Positive Voltage Inputs
•
Temperature Error (
−25°C to +125°C) ±3°C
(Max)
•
2 Programmable Fan Speed Monitoring Inputs
•
Supply Voltage Range 2.8 to 5.75 V
•
10 mV LSB and 2.56V Input Range Accepts
Outputs From Linear Temperature Sensors
•
Supply Current: Operating 0.2 mA typ
Such as the LM50
•
Supply Current: Shutdown 15 µA typ
•
Chassis Intrusion Detector Input
•
ADC Resolution 8 Bits
•
WATCHDOG Comparison of all Monitored
•
Temperature Resolution 0.5ºC
Values
•
Separate Input to Show Status in Interrupt
DESCRIPTION
Status Register of Additional External
The
LM80
provides
7
positive
voltage
inputs,
Temperature Sensors such as the LM56 or
temperature measurement, fan speed measurement,
and hardware monitoring on an I2C interface. The
LM75
LM80 performs WATCHDOG comparisons of all
•
I2C Serial Bus Interface Compatibility
measured values and an open-drain interrupt output
•
Shutdown Mode to Minimize Power
becomes
active
when
any
values
exceed
Consumption
programmed limits. A Chassis Intrusion input is
provided to monitor and reset an external circuit
•
Programmable RST_OUT/OS pin: RST_OUT
designed to latch a chassis intrusion event.
Provides a Reset Output; OS Provides an
Interrupt Output Activated by an
The LM80 is especially suited to interface to both
Overtemperature Shutdown Event
linear and digital temperature sensors. The 10 mV
LSB and 2.56 volt input range is ideal for accepting
APPLICATIONS
inputs from a linear sensor such as the LM50. The
BTI is used as an input from either digital or
•
System Thermal and Hardware Monitoring for
thermostat sensors such as LM75 and LM56.
Servers and PCs
The LM80's 2.8V to 5.75V supply voltage range, low
•
Office Electronics
supply current, and I2C interface make it ideal for a
•
Electronic Test Equipment and
wide range of applications. These include hardware
Instrumentation
monitoring and protection applications in personal
computers, electronic test equipment, and office
electronics.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM80_13

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM80H12D LEIDITECH-LM80H12D Datasheet
403Kb / 6P
N-Channel Super Trench Power MOSFET
More results

Similar Description - LM80_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78 NSC-LM78 Datasheet
424Kb / 31P
Microprocessor System Hardware Monitor
LM79 NSC-LM79 Datasheet
481Kb / 31P
Microprocessor System Hardware Monitor
LM80 NSC-LM80 Datasheet
435Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 NSC-LM81 Datasheet
412Kb / 32P
Serial Interface ACPI-Compatible Microprocessor System
logo
Analog Devices
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
Low Cost Microprocessor System Hardware Monitor
REV.0
logo
National Semiconductor ...
LM80 NSC-LM80_01 Datasheet
440Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM96080 NSC-LM96080 Datasheet
623Kb / 30P
System Hardware Monitor with 2-Wire Serial Interface
logo
ON Semiconductor
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
logo
Texas Instruments
LM81 TI1-LM81_13 Datasheet
2Mb / 43P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com