Electronic Components Datasheet Search
  English  ▼

X  

LM80 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM80 Datasheet(HTML) 5 Page - Texas Instruments

  LM80_13 Datasheet HTML 1Page - Texas Instruments LM80_13 Datasheet HTML 2Page - Texas Instruments LM80_13 Datasheet HTML 3Page - Texas Instruments LM80_13 Datasheet HTML 4Page - Texas Instruments LM80_13 Datasheet HTML 5Page - Texas Instruments LM80_13 Datasheet HTML 6Page - Texas Instruments LM80_13 Datasheet HTML 7Page - Texas Instruments LM80_13 Datasheet HTML 8Page - Texas Instruments LM80_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
LM80
www.ti.com
SNIS102F – JUNE 1999 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2)
Positive Supply Voltage (V+)
6.5V
Voltage on Any Input or Output Pin
−0.3V to (V++0.3V)
Ground Difference (GND - GNDA)
±300 mV
Input Current at any Pin(3)
±5 mA
Package Input Current(3)
±20 mA
Maximum Junction Temperature (TJ max)
150°C
ESD Susceptibility(4)
Human Body Model
2000V
Machine Model
125V
Soldering Information
PW Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
235°C
Storage Temperature
−65°C to +150°C
For soldering specifications http://www.ti.com/lit/SNOA549
(1)
All voltages are measured with respect to GND, unless otherwise specified
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(3)
When the input voltage (VIN) at any pin exceeds the power supplies (VIN< (GND or GNDA) or VIN>V
+), the current at that pin should be
limited to 5 mA. The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies
with an input current of 5 mA to four.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
Operating Ratings
(1) (2)
Operating Temperature Range
TMIN ≤ TA ≤ TMAX
LM80CIMT-3, LM80CIMT-5
−25°C ≤ TA ≤ +125°C
Specified Temperature Range
TMIN ≤ TA ≤ TMAX
LM80CIMT-3, LM80CIMT-5
−25°C ≤ TA ≤ +125°C
Junction to Ambient Thermal Resistance
Package Number: PW
95°C/W
(
θJA
(3) )
Supply Voltage (V+)
+2.8V to +5.75V
Ground Difference (|GND
− GNDA|)
≤ 100 mV
VIN Voltage Range
−0.05V to V+ + 0.05V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND, unless otherwise specified
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax, θJA and the ambient temperature,
TA. The maximum allowable power dissipation at any temperature is PD = (TJmax−T A)/θJA.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com