Electronic Components Datasheet Search
  English  ▼

X  

OrderableDevice Datasheet(PDF) 15 Page - Texas Instruments

Part # OrderableDevice
Description  CMOS Dual Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OrderableDevice Datasheet(HTML) 15 Page - Texas Instruments

Back Button OrderableDevice Datasheet HTML 11Page - Texas Instruments OrderableDevice Datasheet HTML 12Page - Texas Instruments OrderableDevice Datasheet HTML 13Page - Texas Instruments OrderableDevice Datasheet HTML 14Page - Texas Instruments OrderableDevice Datasheet HTML 15Page - Texas Instruments OrderableDevice Datasheet HTML 16Page - Texas Instruments OrderableDevice Datasheet HTML 17Page - Texas Instruments OrderableDevice Datasheet HTML 18Page - Texas Instruments OrderableDevice Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
LMC6032
www.ti.com
SNOS609C – NOVEMBER 1994 – REVISED MARCH 2013
TYPICAL SINGLE-SUPPLY APPLICATIONS
(V
+ = 5.0 V
DC)
Additional single-supply applications ideas can be found in the LM358 datasheet. The LMC6032 is pin-for-pin
compatible with the LM358 and offers greater bandwidth and input resistance over the LM358. These features
will improve the performance of many existing single-supply applications. Note, however, that the supply voltage
range of the LMC6032 is smaller than that of the LM358.
Figure 26. Instrumentation Amplifier
if R1 = R5;
R3 = R6,
and R4 = R7.
= 100 for circuit shown.
For good CMRR over temperature, low drift resistors should be used. Matching of R3 to R6 and R4 to R7 affects
CMRR. Gain may be adjusted through R2. CMRR may be adjusted through R7.
Oscillator frequency is determined by R1, R2, C1, and C2:
fOSC = 1/2πRC
where R = R1 = R2 and C = C1 = C2.
Figure 27. Sine-Wave Oscillator
This circuit, as shown, oscillates at 2.0 kHz with a peak-to-peak output swing of 4.0V.
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMC6032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com