Electronic Components Datasheet Search
  English  ▼

X  

OrderableDevice Datasheet(PDF) 11 Page - Texas Instruments

Part # OrderableDevice
Description  CMOS Dual Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OrderableDevice Datasheet(HTML) 11 Page - Texas Instruments

Back Button OrderableDevice Datasheet HTML 7Page - Texas Instruments OrderableDevice Datasheet HTML 8Page - Texas Instruments OrderableDevice Datasheet HTML 9Page - Texas Instruments OrderableDevice Datasheet HTML 10Page - Texas Instruments OrderableDevice Datasheet HTML 11Page - Texas Instruments OrderableDevice Datasheet HTML 12Page - Texas Instruments OrderableDevice Datasheet HTML 13Page - Texas Instruments OrderableDevice Datasheet HTML 14Page - Texas Instruments OrderableDevice Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LMC6032
www.ti.com
SNOS609C – NOVEMBER 1994 – REVISED MARCH 2013
CAPACITIVE LOAD TOLERANCE
Like many other op amps, the LMC6032 may oscillate when its applied load appears capacitive. The threshold of
oscillation varies both with load and circuit gain. The configuration most sensitive to oscillation is a unity-gain
follower. See the Typical Performance Characteristics.
The load capacitance interacts with the op amp's output resistance to create an additional pole. If this pole
frequency is sufficiently low, it will degrade the op amp's phase margin so that the amplifier is no longer stable at
low gains. As shown in Figure 17, the addition of a small resistor (50
Ω to 100Ω) in series with the op amp's
output, and a capacitor (5 pF to 10 pF) from inverting input to output pins, returns the phase margin to a safe
value without interfering with lower-frequency circuit operation. Thus, larger values of capacitance can be
tolerated without oscillation. Note that in all cases, the output will ring heavily when the load capacitance is near
the threshold for oscillation.
Figure 17. Rx, Cx Improve Capacitive Load Tolerance
Capacitive load driving capability is enhanced by using a pull up resistor to V+ (Figure 18). Typically a pull up
resistor conducting 500
μA or more will significantly improve capacitive load responses. The value of the pull up
resistor must be determined based on the current sinking capability of the amplifier with respect to the desired
output swing. Open loop gain of the amplifier can also be affected by the pull up resistor (see DC Electrical
Characteristics).
Figure 18. Compensating for Large Capacitive
Loads with a Pull Up Resistor
PRINTED-CIRCUIT-BOARD LAYOUT FOR HIGH-IMPEDANCE WORK
It is generally recognized that any circuit which must operate with less than 1000 pA of leakage current requires
special layout of the PC board. When one wishes to take advantage of the ultra-low bias current of the
LMC6032, typically less than 0.04 pA, it is essential to have an excellent layout. Fortunately, the techniques for
obtaining low leakages are quite simple. First, the user must not ignore the surface leakage of the PC board,
even though it may sometimes appear acceptably low, because under conditions of high humidity or dust or
contamination, the surface leakage will be appreciable.
To minimize the effect of any surface leakage, lay out a ring of foil completely surrounding the LMC6032's inputs
and the terminals of capacitors, diodes, conductors, resistors, relay terminals, etc. connected to the op-amp's
inputs. See Figure 19. To have a significant effect, guard rings should be placed on both the top and bottom of
the PC board. This PC foil must then be connected to a voltage which is at the same voltage as the amplifier
inputs, since no leakage current can flow between two points at the same potential. For example, a PC board
trace-to-pad resistance of 1012
Ω, which is normally considered a very large resistance, could leak 5 pA if the
trace were a 5V bus adjacent to the pad of an input. This would cause a 100 times degradation from the
LMC6032's actual performance. However, if a guard ring is held within 5 mV of the inputs, then even a
resistance of 1011
Ω would cause only 0.05 pA of leakage current, or perhaps a minor (2:1) degradation of the
amplifier's performance. See Figure 20, Figure 21, Figure 22 for typical connections of guard rings for standard
op-amp configurations. If both inputs are active and at high impedance, the guard can be tied to ground and still
provide some protection; see Figure 23.
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMC6032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com