Electronic Components Datasheet Search
  English  ▼

X  

OrderableDevice Datasheet(PDF) 1 Page - Texas Instruments

Part # OrderableDevice
Description  CMOS Dual Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OrderableDevice Datasheet(HTML) 1 Page - Texas Instruments

  OrderableDevice Datasheet HTML 1Page - Texas Instruments OrderableDevice Datasheet HTML 2Page - Texas Instruments OrderableDevice Datasheet HTML 3Page - Texas Instruments OrderableDevice Datasheet HTML 4Page - Texas Instruments OrderableDevice Datasheet HTML 5Page - Texas Instruments OrderableDevice Datasheet HTML 6Page - Texas Instruments OrderableDevice Datasheet HTML 7Page - Texas Instruments OrderableDevice Datasheet HTML 8Page - Texas Instruments OrderableDevice Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LMC6032
www.ti.com
SNOS609C – NOVEMBER 1994 – REVISED MARCH 2013
LMC6032 CMOS Dual Operational Amplifier
Check for Samples: LMC6032
1
FEATURES
•
Long-Term Integrator
•
Sample-and-Hold Circuit
2
•
Specified for 2 k
Ω and 600 Ω Loads
•
Medical Instrumentation
•
High Voltage Gain: 12 dB
•
Low Offset Voltage Drift:
2.3
μV/°C
DESCRIPTION
•
Ultra Low Input Bias Current:
40 fA
The LMC6032 is a CMOS dual operational amplifier
•
Input Common-mode Range Includes V−
which can operate from either a single supply or dual
•
Operating Range From +5V to +15V Supply
supplies. Its performance features include an input
common-mode range that reaches ground, low input
•
ISS = 400 μA/Amplifier; Independent of V
+
bias current, and high voltage gain into realistic loads,
•
Low Distortion:
0.01% at 10 kHz
such as 2 k
Ω and 600 Ω.
•
Slew Rate: 1.1 V/
μs
This chip is built with TI's advanced Double-Poly
•
Improved Performance Over TLC272
Silicon-Gate CMOS process.
See the LMC6034 datasheet for a CMOS quad
APPLICATIONS
operational amplifier with these same features. For
•
High-Impedance Buffer or Preamplifier
higher
performance
characteristics
refer
to
the
LMC662.
•
Current-to-Voltage Converter
CONNECTION DIAGRAMS
8-Pin PDIP/SOIC
Top View
Figure 1. 10 Hz High-Pass Filter
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1994–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OrderableDevice

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OrderableDevice TI1-OrderableDevice Datasheet
452Kb / 17P
5.0V Reference Diode
OrderableDevice TI1-OrderableDevice Datasheet
4Mb / 76P
TLV9051 / TLV9052 / TLV9054 5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
More results

Similar Description - OrderableDevice

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6032 NSC-LMC6032 Datasheet
291Kb / 13P
CMOS Dual Operational Amplifier
LMC662 NSC-LMC662 Datasheet
430Kb / 13P
CMOS Dual Operational Amplifier
logo
ELM Technology Corporat...
ELM854AA-S ELM-TECH-ELM854AA-S Datasheet
206Kb / 9P
CMOS Dual operational amplifier
logo
Texas Instruments
LMC662AIMX TI1-LMC662AIMX Datasheet
1Mb / 23P
LMC662 CMOS Dual Operational Amplifier
logo
ELM Electronics
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
CMOS Dual operational amplifier
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
CMOS Dual operational amplifier
logo
Renesas Technology Corp
READ2352J RENESAS-READ2352J Datasheet
611Kb / 9P
CMOS Dual Operational Amplifier
READ2351J RENESAS-READ2351J Datasheet
610Kb / 8P
CMOS Dual Operational Amplifier
READ2302G RENESAS-READ2302G Datasheet
634Kb / 9P
CMOS Dual Operational Amplifier
READ2301G RENESAS-READ2301G Datasheet
633Kb / 8P
CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com